Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 25Page - Linear Technology LTC2400CS8 Datasheet HTML 26Page - Linear Technology LTC2400CS8 Datasheet HTML 27Page - Linear Technology LTC2400CS8 Datasheet HTML 28Page - Linear Technology LTC2400CS8 Datasheet HTML 29Page - Linear Technology LTC2400CS8 Datasheet HTML 30Page - Linear Technology LTC2400CS8 Datasheet HTML 31Page - Linear Technology LTC2400CS8 Datasheet HTML 32Page - Linear Technology LTC2400CS8 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
LTC2400
VIN
SDO
SCK
CS
CS
SDO
SCK
3
2
1
4
5
6
7
8
VREF
VREFIN
VCC
0.1
µF
0.1
µF
5V
5V
GND
LTC2400
FO
2400 F31
V+
D
V –
DATA 2
DATA 1
CS
CLK
GND
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
S0
S1
S2
S3
S4
S5
S6
S7
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LTC1391
Figure 31. Multiplex 8-Signal Sources with the LTC1391 and Maintain the LTC2400’s Conversion Accuracy
TYPICAL APPLICATIONS
VIN
SDO
SCK
CS
CHIP SELECT
SERIAL
SERIAL
3
3
7
4
6
R1
9.09k
RS*
5.1k
R2
90.9k
*OPTIONAL: LIMITS INPUT CURRENT IF THE
INPUT VOLTAGE GOES BELOW – 300mV
2
2
1
4
5
6
7
8
VREF
VREFIN
VCC
0.1
µF
5V
GND
LTC2400
FO
0.1
µF
5V
5V
–5V
0.1
µF
0.1
µF
11
4
7
8
12
CS
1
µF
EXT
CH
1
µF
DIFFERENTIAL
INPUT
VFS = 40mV
BRIDGE-
TYPICAL
INPUT
C1
0.01
µF
0.1
µF
2400 F30
–5V
1/2
LTC1043
13
16
14
17
350
Ω
AGND OR
–VEXT
350
Ω
350
Ω
350
Ω
–
+
LTC1050
Figure 30. Differential to Single-Ended Converter for Low Level Inputs, Such as Bridges, Maintains the LTC2400’s High Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com