Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 5Page - Linear Technology LTC2400CS8 Datasheet HTML 6Page - Linear Technology LTC2400CS8 Datasheet HTML 7Page - Linear Technology LTC2400CS8 Datasheet HTML 8Page - Linear Technology LTC2400CS8 Datasheet HTML 9Page - Linear Technology LTC2400CS8 Datasheet HTML 10Page - Linear Technology LTC2400CS8 Datasheet HTML 11Page - Linear Technology LTC2400CS8 Datasheet HTML 12Page - Linear Technology LTC2400CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
LTC2400
FU CTIO AL BLOCK DIAGRA
TEST CIRCUITS
Figure 1. LTC2400 State Transition Diagram
APPLICATIONS INFORMATION
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
∑
∫
∫
∫
GND
VCC
VIN
SDO
SCK
VREF
CS
FO
(INT/EXT)
2400 FD
3.4k
SDO
2400 TA03
HI-Z TO VOH
VOL TO VOH
VOH TO HI-Z
CLOAD = 20pF
3.4k
SDO
2400 TA04
HI-Z TO VOL
VOH TO VOL
VOL TO HI-Z
CLOAD = 20pF
VCC
Converter Operation Cycle
The LTC2400 is a low power, delta-sigma analog-to-
digital converter with an easy to use 3-wire serial interface.
Its operation is simple and made up of three states. The
converter operating cycle begins with the conversion,
followed by a low power sleep state and concluded with
the data output (see Figure 1). The 3-wire interface con-
sists of serial data output (SDO), a serial clock (SCK) and
a chip select (CS).
Initially, the LTC2400 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
While in this sleep state, power consumption is reduced by
CONVERT
SLEEP
DATA OUTPUT
2400 F01
0
1
CS AND
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com