Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 32Page - Linear Technology LTC2400CS8 Datasheet HTML 33Page - Linear Technology LTC2400CS8 Datasheet HTML 34Page - Linear Technology LTC2400CS8 Datasheet HTML 35Page - Linear Technology LTC2400CS8 Datasheet HTML 36Page - Linear Technology LTC2400CS8 Datasheet HTML 37Page - Linear Technology LTC2400CS8 Datasheet HTML 38Page - Linear Technology LTC2400CS8 Datasheet HTML 39Page - Linear Technology LTC2400CS8 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
40
LTC2400
2400fa LT/TP 0300 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max
LT1025
Micropower Therocouple Cold Junction Compensator
LTC1043
Dual Precision Instrumentation Switched Capacito Building Blockr
Precise Charge, Balanced Switching, Low Power
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LT1460
Micropower Series Reference
0.075% Max, 10ppm/
°C Max Drift, 2.5V, 5V and 10V Versions
LTC2401/LTC2402
1-/2-Channel 24-Bits ADCs
3
µV Noise, 10-Pin MSOP Package, Ground Sensing
LTC2404/LTC2408
4-/8-Channel 24-Bit ADCs
Same Performance as LTC2400
LTC2420
20-Bit Micropower ADC
6
µV Noise, Pin-Compatible with LTC2400
PCB LAYOUT A D FIL
Component Side
Component Side Solder Mask
Component Side Paste Mask
Solder Side
Solder Side Solder Mask
Solder Side Paste Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com