Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
17
1 Hz clock output is synchronized with second-counter of the S-35390A H Series.
INT1 pin / INT2 pin
output (1 Hz)
Second-counter
n
+ 1
n
+ 2
n
Figure 17 1 Hz Clock Output and Second-counter
5. Clock correction register
The clock correction register is a 1-byte register that is used to correct advance / delay of the clock. When not using this
function, set this register to "00h". Regarding the register values, refer to " Function of Clock Correction".
B7
R / W
R / W
V3
B6
B5
B4
B3
B2
B1
B0
V5
V4
V2
R / W
R / W
R / W
R / W
R / W
R / W
V6
V7
V1
V0
R / W: Read / write
Figure 18 Clock Correction Register
6. Free register
This free register is a 1-byte SRAM type register that can be set freely by users.
B7
R / W
R / W
F3
B6
B5
B4
B3
B2
B1
B0
F5
F4
F2
R / W
R / W
R / W
R / W
R / W
R / W
F6
F7
F1
F0
R / W
: Read / write
Figure 19 Free Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com