Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 24Page - Seiko Instruments Inc S35390A Datasheet HTML 25Page - Seiko Instruments Inc S35390A Datasheet HTML 26Page - Seiko Instruments Inc S35390A Datasheet HTML 27Page - Seiko Instruments Inc S35390A Datasheet HTML 28Page - Seiko Instruments Inc S35390A Datasheet HTML 29Page - Seiko Instruments Inc S35390A Datasheet HTML 30Page - Seiko Instruments Inc S35390A Datasheet HTML 31Page - Seiko Instruments Inc S35390A Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
28
2. Setting values for registers and correction values
Table 15 Setting Values for Registers and Correction Values (Minimum Resolution: 3.052 ppm (B0 = 0))
B7
B6
B5
B4
B3
B2
B1
B0
Correction Value
[ppm]
Rate
[s / day]
1
1
1
1
1
1
0
0
192.3
16.61
0
1
1
1
1
1
0
0
189.2
16.35
1
0
1
1
1
1
0
0
186.2
16.09
•
•
•
•
•
•
•
•
•
0
1
0
0
0
0
0
0
6.1
0.53
1
0
0
0
0
0
0
0
3.1
0.26
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
0
−3.1
−0.26
0
1
1
1
1
1
1
0
−6.1
−0.53
1
0
1
1
1
1
1
0
−9.2
−0.79
•
•
•
•
•
•
•
•
•
0
1
0
0
0
0
1
0
−189.2
−16.35
1
0
0
0
0
0
1
0
−192.3
−16.61
0
0
0
0
0
0
1
0
−195.3
−16.88
Table 16 Setting Values for Registers and Correction Values (Minimum Resolution: 1.017 ppm (B0 = 1))
B7
B6
B5
B4
B3
B2
B1
B0
Correction Value
[ppm]
Rate
[s / day]
1
1
1
1
1
1
0
1
64.1
5.54
0
1
1
1
1
1
0
1
63.1
5.45
1
0
1
1
1
1
0
1
62.0
5.36
•
•
•
•
•
•
•
•
•
0
1
0
0
0
0
0
1
2.0
0.18
1
0
0
0
0
0
0
1
1.0
0.09
0
0
0
0
0
0
0
1
0
0
1
1
1
1
1
1
1
1
−1.0
−0.09
0
1
1
1
1
1
1
1
−2.0
−0.18
1
0
1
1
1
1
1
1
−3.0
−0.26
•
•
•
•
•
•
•
•
•
0
1
0
0
0
0
1
1
−63.1
−5.45
1
0
0
0
0
0
1
1
−64.1
−5.54
0
0
0
0
0
0
1
1
−65.1
−5.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com