Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 17Page - Seiko Instruments Inc S35390A Datasheet HTML 18Page - Seiko Instruments Inc S35390A Datasheet HTML 19Page - Seiko Instruments Inc S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc S35390A Datasheet HTML 23Page - Seiko Instruments Inc S35390A Datasheet HTML 24Page - Seiko Instruments Inc S35390A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
21
Correction of Nonexistent Data and End-of-Month
When users write the real-time data, the S-35390A H Series checks it. In case that the data is invalid, the S-35390A H
Series does the following procedures.
1. Processing of nonexistent data
Table 13 Processing of Nonexistent Data
Register
Normal Data
Nonexistent Data
Result
Year data
00 to 99
XA to XF, AX to FX
00
Month data
01 to 12
00, 13 to 19, XA to XF
01
Day data
01 to 31
00, 32 to 39, XA to XF
01
Day of the week data
0 to 6
7
0
Hour data
*1
24-hour
0 to 23
24 to 29, 3X, XA to XF
00
12-hour
0 to 11
12 to 20, XA to XF
00
Minute data
00 to 59
60 to 79, XA to XF
00
Second data
*2
00 to 59
60 to 79, XA to XF
00
*1.
In 12-hour mode, write the
PM
/
AM
flag (B1 in hour data in the real-time data register).
In 24-hour mode, the
PM
/
AM
flag in the real-time data register is omitted. However in the flag of reading, users are
able to read 0; 0 to 11, 1; 12 to 23.
*2.
Processing of nonexistent data, regarding second data, is done by a carry pulse which is generated in 1 second, after
writing. At this point the carry pulse is sent to the minute-counter.
2. Correction of end-of-month
A nonexistent day, such as February 30 and April 31, is set to the first day of the next month.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com