Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 36 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 36 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 32Page - Seiko Instruments Inc S35390A Datasheet HTML 33Page - Seiko Instruments Inc S35390A Datasheet HTML 34Page - Seiko Instruments Inc S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
36
Reset After Communication Interruption
In case of communication interruption in the S-35390A H Series, for example, if the power supply voltage drops and only
the master device is reset during communication, the S-35390A H Series does not perform the next operation because the
internal circuit keeps the status prior to communication interruption. Since the S-35390A H Series does not have a reset
pin, users usually reset its internal circuit by inputting a stop condition. However, if the SDA is outputting "L" (during output
of acknowledgment signal or reading), the S-35390A H Series does not accept a stop condition from the master device. In
this case, users are necessary to finish acknowledgment output or reading of the SDA. Figure 45 shows how to reset.
First, input a start condition from the master device (the S-35390A H Series cannot detect a start condition because the
SDA in the S-35390A H Series is outputting "L"). Next, input a clock pulse equivalent to 7-byte data access (63-clock) from
the SCL. During this period, release the SDA line for the master device. By this procedure, SDA I/O before communication
interruption is finished, and the SDA line in the S-35390A H Series is released. After that, inputting a stop condition resets
the internal circuit and restores the regular communication. This reset procedure is recommended to be executed at
initialization of the system after the master device's power supply voltage is raised.
If this reset procedure is executed when the S-35390A H Series outputs an acknowledgment signal of a writing instruction,
the writing operation may be performed at the corresponding register, so caution should be exercised.
1
2
62
63
89
Start
condition
Stop
condition
Clocks equivalent to 7-byte data access
SCL
"L"
"L" or High-Z
High-Z
SDA
(Master device
output)
SDA
(S-35390A
H Series
output)
SDA
"L" or High-Z
"L"
Figure 45 How to Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com