Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S35390A Datasheet HTML 1Page - Seiko Instruments Inc S35390A Datasheet HTML 2Page - Seiko Instruments Inc S35390A Datasheet HTML 3Page - Seiko Instruments Inc S35390A Datasheet HTML 4Page - Seiko Instruments Inc S35390A Datasheet HTML 5Page - Seiko Instruments Inc S35390A Datasheet HTML 6Page - Seiko Instruments Inc S35390A Datasheet HTML 7Page - Seiko Instruments Inc S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
4
Pin Configurations
1. 8-Pin SOP (JEDEC)
7
6
5
8
2
3
4
1
Top view
Figure 2 S-35390AH-J8T2U
2. 8-Pin TSSOP
7
6
5
8
2
3
4
1
Top view
Figure 3 S-35390AH-T8T2U
Table 2 List of Pins
Pin No Symbol
Description
I/O
Configuration
1
1
INT
Output pin for
interrupt signal 1
Output
Nch open-drain output
(no protective diode at VDD)
2
XOUT
Connection pins
for crystal
oscillator
−
−
3
XIN
4
VSS
GND pin
−
−
5
2
INT
Output pin for
interrupt signal 2
Output
Nch open-drain output
(no protective diode at VDD)
6
SCL
Input pin for
serial clock
Input
CMOS input
(no protective diode at VDD)
7
SDA
I/O pin for serial
data
Bi-directional
Nch open-drain output
(no protective diode at VDD)
CMOS input
8
VDD
Pin for positive
power supply
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com