Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 28Page - Seiko Instruments Inc S35390A Datasheet HTML 29Page - Seiko Instruments Inc S35390A Datasheet HTML 30Page - Seiko Instruments Inc S35390A Datasheet HTML 31Page - Seiko Instruments Inc S35390A Datasheet HTML 32Page - Seiko Instruments Inc S35390A Datasheet HTML 33Page - Seiko Instruments Inc S35390A Datasheet HTML 34Page - Seiko Instruments Inc S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
32
3. 2 Data writing in the S-35390A H Series
After detecting a start condition, the S-35390A H Series receives device code and command. The S-35390A H
Series enters the write-data mode by the read / write bit "0". Input data from B7 to B0 in 1-byte. The S-35390A H
Series outputs an acknowledgment signal "L" every moment that 1-byte data is input. After receiving the
acknowledgment signal which is for the last byte-data, input a stop condition to the S-35390A H Series to finish
access.
18
9
1
0
0
0
1
1
0
SCL
SDA
B7
B0
: S-35390A H Series output data
: Master device input data
0 0
R / W
1-byte data
Device code
+ command
Figure 36 Example of Data Writing 1 (1-Byte Data Register)
18
9
1
1
0
0
1
1
0
SCL
SDA
B7
B0
: S-35390A H Series output data
: Master device input data
1 0
R / W
27
36
B7
B0 B7
B0
3-byte data
Device code
+ command
Figure 37 Example of Data Reading 2 (3-Byte Data Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com