Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 3Page - Seiko Instruments Inc S35390A Datasheet HTML 4Page - Seiko Instruments Inc S35390A Datasheet HTML 5Page - Seiko Instruments Inc S35390A Datasheet HTML 6Page - Seiko Instruments Inc S35390A Datasheet HTML 7Page - Seiko Instruments Inc S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc S35390A Datasheet HTML 10Page - Seiko Instruments Inc S35390A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
7
DC Electrical Characteristics
Table 6 DC Characteristics (VDD = 3.0 V)
(Ta
= −40°C to +105°C, VSS = 0 V, DMX-26S crystal oscillator (CL = 6 pF, 32.768 kHz, Cg = 9.1 pF) manufactured by Daishinku corp.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current consumption 1
IDD1
−
Out of communication
−
0.25
1.2
μA
Current consumption 2
IDD2
−
During communication
(SCL = 100 kHz)
−
6
14
μA
Input current leakage 1
IIZH
SCL, SDA
VIN = VDD
−0.5
−
0.5
μA
Input current leakage 2
IIZL
SCL, SDA
VIN = VSS
−0.5
−
0.5
μA
Output current leakage 1 IOZH
SDA,
1
INT ,
2
INT
VOUT = VDD
−0.5
−
0.5
μA
Output current leakage 2 IOZL
SDA,
1
INT ,
2
INT
VOUT = VSS
−0.5
−
0.5
μA
Input voltage 1
VIH
SCL, SDA
−
0.8
× VDD
−
VSS
+ 5.5
V
Input voltage 2
VIL
SCL, SDA
−
VSS
− 0.3
−
0.2
× VDD
V
Output current 1
IOL1
1
INT ,
2
INT
VOUT = 0.4 V
3
5
−
mA
Output current 2
IOL2
SDA
VOUT = 0.4 V
5
10
−
mA
Power supply voltage
detection voltage
VDET
−
−
0.60
1
1.35
V
Table 7 DC Characteristics (VDD = 5.0 V)
(Ta
= −40°C to +105°C, VSS = 0 V, DMX-26S crystal oscillator (CL = 6 pF, 32.768 kHz, Cg = 9.1 pF) manufactured by Daishinku corp.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current consumption 1
IDD1
−
Out of communication
−
0.3
1.4
μA
Current consumption 2
IDD2
−
During communication
(SCL = 100 kHz)
−
14
30
μA
Input current leakage 1
IIZH
SCL, SDA
VIN = VDD
−0.5
−
0.5
μA
Input current leakage 2
IIZL
SCL, SDA
VIN = VSS
−0.5
−
0.5
μA
Output current leakage 1 IOZH
SDA,
1
INT ,
2
INT
VOUT = VDD
−0.5
−
0.5
μA
Output current leakage 2 IOZL
SDA,
1
INT ,
2
INT
VOUT = VSS
−0.5
−
0.5
μA
Input voltage 1
VIH
SCL, SDA
−
0.8
× VDD
−
VSS
+ 5.5
V
Input voltage 2
VIL
SCL, SDA
−
VSS
− 0.3
−
0.2
× VDD
V
Output current 1
IOL1
1
INT ,
2
INT
VOUT = 0.4 V
5
8
−
mA
Output current 2
IOL2
SDA
VOUT = 0.4 V
6
13
−
mA
Power supply voltage
detection voltage
VDET
−
−
0.60
1
1.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com