Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S35390A Datasheet HTML 1Page - Seiko Instruments Inc S35390A Datasheet HTML 2Page - Seiko Instruments Inc S35390A Datasheet HTML 3Page - Seiko Instruments Inc S35390A Datasheet HTML 4Page - Seiko Instruments Inc S35390A Datasheet HTML 5Page - Seiko Instruments Inc S35390A Datasheet HTML 6Page - Seiko Instruments Inc S35390A Datasheet HTML 7Page - Seiko Instruments Inc S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
5
Pin Functions
1. SDA (I/O for serial data) pin
This is a data input / output pin of I
2C-bus interface. This pin inputs / outputs data by synchronizing with a clock pulse
from the SCL pin. This pin has CMOS input and Nch open-drain output. Generally in use, pull up this pin to the VDD
potential via a resistor, and connect it to any other device having open drain or open collector output with wired-OR
connection.
2. SCL (input for serial clock) pin
This pin is to input a clock pulse for I
2C-bus interface. The SDA pin inputs / outputs data by synchronizing with the
clock pulse.
3. XIN, XOUT (crystal oscillator connect) pins
Connect a crystal oscillator between XIN and XOUT.
4.
INT1 (output for interrupt signal 1) pin
This pin outputs a signal of interrupt, or a clock pulse. By using the status register 2, users can select either of; alarm 1
interrupt, output of user-set frequency, minute-periodical interrupt 1, minute-periodical interrupt 2, or 32.768 kHz output.
This pin has Nch open-drain output.
5. INT2 (output for interrupt signal 2) pin
This pin outputs a signal of interrupt, or a clock pulse. By using the status register 2, users can select either of; alarm 2
interrupt, output of user-set frequency, or minute-periodical interrupt 1. This pin has Nch open-drain output.
6. VDD (positive power supply) pin
Connect this VDD pin with a positive power supply. Regarding the values of voltage to be applied, refer to
" Recommended Operation Conditions".
7. VSS pin
Connect this VSS pin to GND.
Equivalent Circuits of Pins
SDA
Figure 4 SDA Pin
SCL
Figure 5 SCL Pin
INT1, INT2
Figure 6 INT1 Pin, INT2 Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com