Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 38 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 38 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 34Page - Seiko Instruments Inc S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc S35390A Datasheet HTML 42Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
38
Examples of Application Circuits
VCC
XOUT
XIN
S-35390A H Series
SDA
VSS
VDD
SCL
VSS
VCC
CPU
INT1
System
power supply
Cg
10 k
Ω
INT2
10 k
Ω
Caution
1. Because the I/O pin has no protective diode on the VDD side, the relation of VCC
≥ VDD is possible,
but pay careful attention to the specifications.
2. Start communication under stable condition after power-on the power supply in the system.
Figure 47 Application Circuit 1
VCC
CPU
S-35390A H Series
SDA
VSS
VDD
SCL
INT1
System power
supply
VSS
XOUT
XIN
10 k
Ω
INT2
10 k
Ω
Cg
Caution Start communication under stable condition after power-on the power supply in the system.
Figure 48 Application Circuit 2
Caution
The above connection diagrams do not guarantee operation. Set the constants after performing
sufficient evaluation using the actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com