Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc S35390A Datasheet HTML 10Page - Seiko Instruments Inc S35390A Datasheet HTML 11Page - Seiko Instruments Inc S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
12
Year data (00 to 99): Y1, Y2, Y4, Y8, Y10, Y20, Y40, Y80
Sets the lower two digits of the Western calendar year (00 to 99) and links together with the auto calendar
function until 2099.
Example: 2053 (Y1, Y2, Y4, Y8, Y10, Y20, Y40, Y80) = (1, 1, 0, 0, 1, 0, 1, 0)
Month data (01 to 12): M1, M2, M4, M8, M10
Example: December (M1, M2, M4, M8, M10, 0, 0, 0) = (0, 1, 0, 0, 1, 0 ,0 ,0)
Day data (01 to 31): D1, D2, D4, D8, D10, D20
The count value is automatically changed by the auto calendar function.
1 to 31: Jan., Mar., May, July, Aug., Oct., Dec., 1 to 30: April, June, Sep., Nov.
1 to 29: Feb. (leap year), 1 to 28: Feb. (non-leap year)
Example: 29 (D1, D2, D4, D8, D10, D20, 0, 0) = (1, 0, 0, 1, 0, 1, 0, 0)
Day of the week data (00 to 06): W1, W2, W4
A septenary up counter. Day of the week is counted in the order of 00, 01, 02, …, 06, and 00. Set up day of the
week and the count value.
Hour data (00 to 23 or 00 to 11): H1, H2, H4, H8, H10, H20, AM / PM
In 12-hour mode, write 0; AM, 1; PM in the
PM
/
AM
bit. In 24-hour mode, users can write either 0 or 1. 0 is
read when the hour data is from 00 to 11, and 1 is read when from 12 to 23.
Example (12-hour mode): 11 p.m.
(H1, H2, H4, H8, H10, H20,
PM
/
AM
, 0) = (1, 0, 0, 0, 1, 0, 1, 0)
Example (24-hour mode): 22
(H1, H2, H4, H8, H10, H20,
PM
/
AM
, 0) = (0, 1, 0, 0, 0, 1, 1, 0)
Minute data (00 to 59): m1, m2, m4, m8, m10, m20, m40
Example: 32 minutes (m1, m2, m4, m8, m10, m20, m40, 0) = (0, 1, 0, 0, 1, 1, 0, 0)
Example: 55 minutes (m1, m2, m4, m8, m10, m20, m40, 0) = (1, 0, 1, 0, 1, 0, 1, 0)
Second data (00 to 59): s1, s2, s4, s8, s10, s20, s40
Example: 19 seconds (s1, s2, s4, s8, s10, s20, s40, 0) = (1, 0, 0, 1, 1, 0, 0, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com