Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 9Page - Seiko Instruments Inc S35390A Datasheet HTML 10Page - Seiko Instruments Inc S35390A Datasheet HTML 11Page - Seiko Instruments Inc S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc S35390A Datasheet HTML 15Page - Seiko Instruments Inc S35390A Datasheet HTML 16Page - Seiko Instruments Inc S35390A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
13
2. Status register 1
Status register 1 is a 1-byte register that is used to display and set various modes. The bit configuration is shown below.
B7
RESET
12 / 24
R
R
R
R / W
R / W
SC1
B6
B5
B4
B3
B2
B1
B0
BLD
INT2
POC
INT1
SC0
R
R / W
W
R
:
Read
W
:
Write
R / W
: Read / write
Figure 11 Status Register 1
B0: POC
This flag is used to confirm whether the power is on. The power-on detection circuit operates at power-on and B0 is
set to "1". This flag is read-only. Once it is read, it is automatically set to "0". When this flag is "1", be sure to initialize.
Regarding the operation after power-on, refer to " Power-on Detection Circuit and Register Status".
B1: BLD
This flag is set to "1" when the power supply voltage decreases to the level of detection voltage (VDET) or less. Users
can detect a drop in the power supply voltage. Once this flag is set to "1", it is not set to "0" again even if the power
supply increases to the level of detection voltage (VDET) or more. This flag is read-only. When this flag is "1", be sure
to initialize. Regarding the operation of the power supply voltage detection circuit, refer to " Low Power Supply
Voltage Detection Circuit
".
B2: INT2, B3: INT1
This flag indicates the time set by alarm and when the time has reached it. This flag is set to "1" when the time that
users set by using the alarm interrupt function has come. The INT1 flag at alarm 1 interrupt mode and the INT2 flag
at alarm 2 interrupt mode are set to "1". Set "0" in INT1AE (B5 in the status register 2) or in INT2AE (B1 in the status
register 2) after reading "1" in the INT1 flag or in the INT2 flag. This flag is read-only. Once this flag is read, it is set to
"0" automatically.
B4: SC1, B5: SC0
These flags are SRAM type registers, they are 2 bits as a whole, can be freely set by users.
B6:
24
/
12
This flag is used to set 12-hour or 24-hour mode. Set the flag ahead of write operation of the real-time data register in
case of 24-hour mode.
0: 12-hour mode
1: 24-hour mode
B7: RESET
The internal IC is initialized by setting this bit to "1". This bit is write-only. It is always "0" when reading. When
applying the power supply voltage to the IC, be sure to write "1" to this bit to initialize the circuit. Regarding each
status of registers after initialization, refer to " Register Status After Initialization".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com