Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35390A Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc S35390A Datasheet HTML 42Page - Seiko Instruments Inc S35390A Datasheet HTML 43Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
39
Adjustment of Oscillation Frequency
1. Configuration of crystal oscillation circuit
Since the crystal oscillation circuit is sensitive to external noise (the clock accuracy is affected), the following measures
are essential for optimizing the configuration.
• Place the S-35390A H Series crystal oscillator, and external capacitor (Cg) as close to each other as possible.
• Increase the insulation resistance between pins and the substrate wiring patterns of XIN and XOUT.
• Do not place any signal or power lines close to the crystal oscillation circuit.
• Locating the GND layer immediately below the crystal oscillation circuit is recommended.
• Locate the bypass capacitor adjacent to the power supply pin of the S-35390A H Series.
S-35390A H Series
XOUT
XIN
Rf = 100 M
 (typ.)
Rd = 100 k
 (typ.)
Cd = 8 pF (typ.)
Cg
Cd
Rd
Rf
Parasitic capacitance*3
Crystal oscillator: 32.768 kHz
Parasitic capacitance*3
CL = 6 pF*1
Cg = None*2 to 9.1 pF
*1.
When setting the value for the crystal oscillator's CL as 7 pF, connect Cd externally if necessary.
*2.
The crystal oscillation circuit operates even when Cg is not connected. Note that the oscillation frequency is in the
direction that it advances.
*3.
Design the board so that the parasitic capacitance is within 5 pF.
Figure 49 Connection Diagram 1
XIN
XOUT
VSS
Cg
8
7
6
5
1
2
3
4
S-35390A H
Series
Locate the GND layer in the
layer immediately below
Crystal
oscillator
Figure 50 Connection Diagram 2
Caution 1. When using the crystal oscillator with a CL exceeding the rated value (7 pF) (e.g: CL = 12.5 pF),
oscillation operation may become unstable. Use a crystal oscillator with a CL value of 6 pF or 7 pF.
2. Oscillation characteristics is subject to the variation of each component such as substrate parasitic
capacitance, parasitic resistance, crystal oscillator, and Cg. When configuring a crystal oscillation
circuit, pay sufficient attention for them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com