Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 30 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 30 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 26Page - CML Microcircuits DB929B Datasheet HTML 27Page - CML Microcircuits DB929B Datasheet HTML 28Page - CML Microcircuits DB929B Datasheet HTML 29Page - CML Microcircuits DB929B Datasheet HTML 30Page - CML Microcircuits DB929B Datasheet HTML 31Page - CML Microcircuits DB929B Datasheet HTML 32Page - CML Microcircuits DB929B Datasheet HTML 33Page - CML Microcircuits DB929B Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
4-Level FSK Modem Data Pump
Page 30 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
The Data Quality readings are only valid when the modem has successfully acquired signal level and timing
lock for at least 64 symbol times. It is invalid when an AQSC or AQLEV sequence is being performed or when
the LEVRES setting is 'Lossy Peak Detect'. A low reading will be obtained if the PLLBW bits are set to 'Wide'
or if the received signal waveform is distorted in any significant way.
Section 5.6 describes how monitoring the Data Quality reading can help improve the overall system
performance in some applications.
4.6
CRC, FEC and Interleaving
4.6.1
Cyclic Redundancy Codes
4.6.1.1
CRC0
This is a six-bit CRC check code used in the Station ID Block. It is calculated by the modem from the first 24
bits of the block (Bytes 0, 1, and 2) as follows:
The 24 bits are considered as the coefficients of a polynomial M(x) of degree 23 such that the MSB bit (7) of
byte 0 is the coefficient of x
23, and bit 0 of byte 2 is the coefficient of x0.
The polynomial F(x) of degree 5 is calculated as being the remainder of the modulo-2 division.
)
1
x
x
x
(
)
x
(
M
x
3
4
6
6
The polynomial x
5 + x4 + x3 + x2 + x1 + x0 is added (modulo-2) to F(x).
The coefficients of F(x) are placed in the 6-bit CRC0 field, such that the coefficient of x
5 corresponds to the
MSB of CRC0
4.6.1.2
CRC1
This is a sixteen-bit CRC check code contained in bytes 10 and 11 of the Header Block, which provides error
detection coverage for the Header Block of a message. It is calculated by the modem from the first 80 bits of
the Header Block (Bytes 0 to 9 inclusive) using the generator polynomial:
x16 + x12 + x5 + 1
4.6.1.3
CRC2
This is a thirty-two-bit CRC check code contained in bytes 8 to 11 of the 'Last' Block, which provides error
detection coverage for the combined Intermediate Blocks and Last Block of a message. It is calculated by the
modem from all of the data and pad bytes in the Intermediate Blocks and in the first 8 bytes of the Last Block
using the generator polynomial:
x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x1 + 1
Note: In receive mode the CRC2 checksum circuits are initialized on completion of any task other than NULL
or RILB. In transmit mode the CRC2 checksum circuits are initialized on completion of any task other
than NULL, TIB, or TLB.
Command Register bit B5 (CRC) allows the user to select between two different forms of the CRC0,
CRC1 and CRC2 checksums. When this bit is set to ‘1’ the CRC generators are initialized to ‘all zeros’,
as required by RD-LAP
¥ systems. When this bit is set to '0', the CRC generators are initialized to 'all
ones' for calculations such as CCITT X25 based systems. It should always be set to ‘1’ for RD-LAP
¥
compatibility, other systems may set this bit as required.
4.6.1.4
Forward Error Correction
In transmit mode, the MX929B uses a Trellis Encoder to translate the 96 bits (12 bytes) of a 'Header',
'Intermediate', 'Last' Block, into a 66 symbol (132 bits) sequence which includes FEC information. Station ID
Blocks (30 bits) are translated into a 22 symbol (44 bit) sequence which includes FEC information.
In receive mode, the MX929B decodes the received 22 or 66 symbols of a block into 30 or 96 bits of binary
data using a 'Soft Decision' Viterbi algorithm to perform decoding and error correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com