Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 22 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 22 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 18Page - CML Microcircuits DB929B Datasheet HTML 19Page - CML Microcircuits DB929B Datasheet HTML 20Page - CML Microcircuits DB929B Datasheet HTML 21Page - CML Microcircuits DB929B Datasheet HTML 22Page - CML Microcircuits DB929B Datasheet HTML 23Page - CML Microcircuits DB929B Datasheet HTML 24Page - CML Microcircuits DB929B Datasheet HTML 25Page - CML Microcircuits DB929B Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
4-Level FSK Modem Data Pump
Page 22 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.5.2.19 TSID: Transmit Station ID
This task takes three ID bytes from the Data Block Buffer, calculates and appends the 6-bit CRC0 checksum,
translates the result to 4-level symbols (with FEC) and transmits the resulting 22 symbols preceded and
followed by 'S' symbols.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
4.5.2.20 RESET: Stop any current action
This task takes effect immediately, and terminates any current action (task, AQSC or AQLEV) the modem
may be performing and sets the BFREE bit of the Status Register to '1', without setting the IRQ bit. It should
be used after VDD is applied first to set the modem into a known state.
Note: Due to delays in the RRC filter, it will take several symbol times for any change caused by RESET to
appear at the TXOUT pin.
4.5.2.21 Task Timing
The following table and figures describe the duration of tasks and timing sequences for Tx and Rx operation.
Task
Time
(symbol times)
t1 Modem in idle state. Time from writing first task to application of first
transmit bit to Tx RRC filter
Any
1 to 2
t2 Time from application of first symbol of the task to the Tx RRC
filter until BFREE goes to a logic ‘1’
T24S
TSID
THB/TIB/TLB
T4S
5
6
16
0
t3 Time to transmit all symbols of the task
T24S/TSID
THB/TIB/TLB
T4S
24
69
4
t4 Max time allowed from BFREE going to a logic '1' (high) for next
task (and data) to be written to modem
T24S
TSID
THB/TIB/TLB
T4S
18
17
52
3
t5 Time to receive all symbols of task
SFS
SFP
RSID
RHB/RILB
R4S
25 (minimum)
48 (minimum)
23
69
4
t6 Maximum time between first symbol of task entering the de-
interleave
circuit and the task being written to modem
SFS
SFP
RSID
RHB/RILB
R4S
21
21
15
51
3
t7 Maximum time from the last bit of the task entering the de interleave
circuit to BFREE going to a logic '1' (high)
Any
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com