Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 7 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 7 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 3Page - CML Microcircuits DB929B Datasheet HTML 4Page - CML Microcircuits DB929B Datasheet HTML 5Page - CML Microcircuits DB929B Datasheet HTML 6Page - CML Microcircuits DB929B Datasheet HTML 7Page - CML Microcircuits DB929B Datasheet HTML 8Page - CML Microcircuits DB929B Datasheet HTML 9Page - CML Microcircuits DB929B Datasheet HTML 10Page - CML Microcircuits DB929B Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
4-Level FSK Modem Data Pump
Page 7 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2. Signal List
Pin No.
Signal
Type
Description
1
IRQ
output
A 'wire-ORable' output for connection to the host
PC's Interrupt
Request input. When active, this output has a low impedance
pull down to VSS. It has high impedance when inactive.
2
D7
BUS
3
D6
BUS
4
D5
BUS
5
D4
BUS
6
D3
BUS
7
D2
BUS
8
D1
BUS
9
D0
BUS
Pins 2-9 (D7-D0) are 8-bit, bi-directional,
3-state
PC interface data lines
10
RD
input
Read. An active low logic level input used to control the reading
of data from the modem into the host
PC.
11
WR
input
Write. An active low logic level input used to control the writing
of data into the modem from the host
PC.
12
VSS
power
Negative supply (ground).
13
CS
input
Chip Select. An active low logic level input to the modem used
to enable a data read or write operation.
14
A0
input
Logic level modem register select input
15
A1
input
Logic level modem register select input
16
XTAL
output
Output of the on-chip oscillator.
17
XTAL/CLOCK
input
Input to the on-chip oscillator, for an external Xtal circuit or
clock.
18
DOC 2
output
Connection to the Rx level measurement circuitry. Should be
capacitive coupled to VSS.
19
DOC 1
output
Connection to the Rx level measurement circuitry. Should be
capacitive coupled to VSS
20
TXOUT
output
Tx signal output from the modem.
21
VBIAS
output
A bias line for the internal circuitry held at VDD /2. This pin must
be bypassed to VSS by a capacitor mounted close to the device
pins.
22
RXIN
input
Input to the Rx input amplifier.
23
RXAMPOUT
output
Output of the Rx input amplifier.
24
VDD
power
Positive supply. Levels and voltages are dependent upon this
supply. This pin should be bypassed to VSS by a capacitor
mounted close to the device pins.
Note: Internal protection diodes are connected from each signal pin to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com