Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 13 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 13 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 9Page - CML Microcircuits DB929B Datasheet HTML 10Page - CML Microcircuits DB929B Datasheet HTML 11Page - CML Microcircuits DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits DB929B Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
4-Level FSK Modem Data Pump
Page 13 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.1.13 Rx Level/Clock Extraction
These circuits, which operate only in receive mode, derive a symbol rate clock from the received signal and
measure the received signal amplitude and DC offset. This information is then used to extract the received 4-
level symbols and also to provide an input to the received Data Quality measuring circuit. The external
capacitors C6 and C7 form part of the received signal level measuring circuit.
The capacitors C6 and C7 are driven from a very high impedance source so any measurement of the voltages
on the DOC pins must be made via high input impedance (MOS input) voltage followers to avoid disturbance
of the level measurement circuits.
Further details of the level and clock extraction functions are given in Section 5.3.
4.1.14 Clock Oscillator and Dividers
These circuits derive the transmit symbol rate (and the nominal receive symbol rate) by frequency division of a
reference frequency which may be generated by the on-chip Xtal oscillator or applied from an external source.
Note: If the on-chip Xtal oscillator is to be used, then the external components X1, C3, C4, and R3 are
required. If an external clock source is to be used, then it should be connected to the XTAL/CLOCK
input pin, the XTAL pin should be left unconnected, and X1, C3, C4, and R3 should not be installed.
4.2
Modem - µC Interaction
In general, data is transmitted over-air in the form of messages, or 'Frames', consisting of a 'Frame Preamble'
followed by one or more formatted data blocks. The Frame Preamble includes a Frame Synchronization
pattern designed to allow the receiving modem to identify the start of a frame. The following data blocks are
constructed from the 'raw' data using a combination of CRC (Cyclic Redundancy Checksum) generation,
Forward Error Correction coding, and Interleaving. Details of the message formats handled by the modem are
provided in Section 4.3, Figure 7, and Figure 8.
To reduce the processing load on the associated
PC, the MX929B modem has been designed to perform as
much of the computationally intensive work involved in Frame formatting and de-formatting and (when in
receive mode) searching for and synchronizing onto the Frame Preamble. In normal operation, the modem
will only require servicing by the µC once per received or transmitted block.
Therefore, to transmit a block, the controlling µC needs only to load the unformatted 'raw' binary data into the
modem's Data Block Buffer, then instruct the modem to format and transmit that data. The modem will then
calculate and add the CRC bits as required, encode the result as 4-level symbols (with Forward Error
Correction coding), and interleave the symbols before transmission.
In receive mode, the modem can be instructed to assemble a block's worth of received symbols, de-interleave
the symbols, translate them to binary, perform Forward Error Correction, and check the resulting CRC before
placing the received binary data into the Data Block Buffer for the µC to read.
The modem can also handle the transmission and reception of unformatted data using the T4S, T24S, and
R4S tasks as described in Sections 4.3 and 4.5.2. These tasks are normally used for the transmission of
Symbol and Frame Synchronization sequences. These tasks may also be used for the transmission and
reception of special test patterns or special data formats. In such a case, care should be taken to ensure that
the transmitted TXOUT signal contains enough level and timing information for the receiving modem's level
and clock extraction circuits to function correctly. See Section 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com