Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 1 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 1 Page - CML Microcircuits

  DB929B Datasheet HTML 1Page - CML Microcircuits DB929B Datasheet HTML 2Page - CML Microcircuits DB929B Datasheet HTML 3Page - CML Microcircuits DB929B Datasheet HTML 4Page - CML Microcircuits DB929B Datasheet HTML 5Page - CML Microcircuits DB929B Datasheet HTML 6Page - CML Microcircuits DB929B Datasheet HTML 7Page - CML Microcircuits DB929B Datasheet HTML 8Page - CML Microcircuits DB929B Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
COMMUNICATION SEMICONDUCTORS
MX929B
DATA BULLETIN
4-Level FSK Modem Data Pump
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
PRELIMINARY INFORMATION
Features
Applications
x 4-Level Root Raised Cosine FSK Modulation
x Half Duplex, 4800 to 19.2kbps
x Increase Channel Bit Rate/Hz
x Full Data Packet Framing
x Impulse and NRZ Signal Modes
x Enhanced Performance in Noisy Conditions
x Error Detection and Error Correction
x Low Power 3.3V/5.0V Operation
x RD-LAP¥
¥
¥
¥ Systems
x RCR STD-47 Systems
x Two Way Paging Systems
x Mobile Data Systems
x Wireless Telemetry
x DataTAC¥
¥
¥
¥ Terminals
x Portable Wireless Data Equipment
MODEM
DATA
PUMP
MX929B
ANALOG TX
DATA AND
CONTROL BUS
ANALOG RX
RF
RADIO
DISCRIMINATOR
MODULATOR
SYSTEM
APPLICATION
PROCESSING
HOST C
µ
The MX929B is a low voltage CMOS device containing all of the baseband signal processing and Medium
Access Control (MAC) protocol functions required for a high performance 4-level FSK Wireless Packet Data
Modem. It interfaces with the modem host
PC and the radio modulation/demodulation circuits to deliver
reliable two-way transfer of the application data over a wireless link.
The MX929B assembles application data received from the host
PC, adds forward error correction (FEC) and
error detection (CRC) information, and interleaves the result for burst-error protection. After automatically
adding symbol and frame sync codewords, the data packet is converted into filtered 4-level analog signals for
modulating the radio transmitter.
In receive mode, the MX929B performs the reverse function using the analog signals from the receiver
discriminator. After error correction and removal of the packet overhead, the recovered application data is
supplied to the host
PC. CRC detected residual uncorrected data errors will be flagged. Readout of the SNR
value during receipt of a packet is also provided.
The MX929B uses data block sizes and FEC/CRC Algorithms that are compatible with RD-LAP
¥ and
RCR STD-47 over-air-standards. The device is programmable to operate at standard bit rates from a wide
range of Xtal/clock frequencies.
The MX929B may be used with a 3.0V to 5.5V power supply and is available in the following package styles:
24-pin SSOP (MX929BDS), 24-pin SOIC (MX929BDW), and 24-pin PDIP (MX929BP).


Similar Part No. - DB929B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB9 ETC2-DB9 Datasheet
485Kb / 3P
In-Line DB9 Surge Suppressor
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
logo
Banner Engineering Corp...
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
logo
Novaris
DB9-RS232 NOVARIS-DB9-RS232 Datasheet
473Kb / 1P
RS Serial Port Protectors
DB9-RS485 NOVARIS-DB9-RS485 Datasheet
473Kb / 1P
RS Serial Port Protectors
More results

Similar Description - DB929B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4187 HAMAMATSU-C4187 Datasheet
244Kb / 2P
Framing Streak Camera
logo
Dallas Semiconductor
DS2143 DALLAS-DS2143 Datasheet
552Kb / 44P
E1/ISDN-PRI framing transceiver
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
logo
Radiometrix Ltd
PLT RADIOMETRIX-PLT Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
PACKET
logo
Radiometrix Ltd
PLT2 RADIOMETRIX-PLT2 Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
Full and Short Data Packet Framing
logo
Pericom Semiconductor C...
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com