Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 25 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 25 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 21Page - CML Microcircuits DB929B Datasheet HTML 22Page - CML Microcircuits DB929B Datasheet HTML 23Page - CML Microcircuits DB929B Datasheet HTML 24Page - CML Microcircuits DB929B Datasheet HTML 25Page - CML Microcircuits DB929B Datasheet HTML 26Page - CML Microcircuits DB929B Datasheet HTML 27Page - CML Microcircuits DB929B Datasheet HTML 28Page - CML Microcircuits DB929B Datasheet HTML 29Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
4-Level FSK Modem Data Pump
Page 25 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.5.3.3
Control Register B3, B2: LEVRES - Level Measurement Modes
These two bits have no effect in transmit mode. In receive mode they set the 'normal' or 'steady state'
operating mode of the Rx signal amplitude and DC offset measuring and tracking circuits. These circuits
analyze the Rx signal envelope and charge the DOC1 and DOC2 capacitors to 'store' signal maximum and
minimum references that are used in the data reception process. This setting is temporarily overridden during
the automatic sequencing triggered by an AQLEV command when level is initially being acquired as described
in Section 5.3.
B3
B2
Mode
0
0
Hold
0
1
Level Track
1
0
Lossy Peak Detect
1
1
Slow Peak Detect
In normal use the LEVRES bits should be set to '0 1' (Level Track). The other modes are intended for special
purposes, for device testing, or are invoked automatically during an AQLEV sequence.
In 'Slow Peak Detect' modes, the positive and negative excursions of the received signal (after filtering) are
measured by peak rectifiers driving the DOC1 and DOC2 capacitors to establish the amplitude of the signal
and any DC offset with regards to VBIAS. This mode provides good overall performance, particularly when
acquiring level information at the start of a received message, but does not work as well with certain long
sequences of repeated data byte values. It is also susceptible to large amplitude noise spikes, which can be
caused by deep fades.
The 'Lossy Peak Detect' mode is similar to 'Slow Peak Detect' but the capacitor discharge time constant is
much shorter so this mode is not suitable for normal data reception and is only used within part of the
automatic AQLEV acquisition sequence.
In 'Level Track' mode the DOC capacitor voltages are slowly adjusted by the MX929B in such a way as to
minimize the average errors seen in the received signal. This mode provides the best overall performance,
being much more accurate than 'Slow Peak Detect' when receiving large amplitude noise spikes on long
sequences of repeated data byte values. It does, however, depend on the measured levels and timing being
approximately correct. If either of these is significantly wrong then the correction algorithm used by the 'Level
Track' mode can actually drive the voltages on the DOC capacitors away from their optimum levels. For this
reason, the automatic AQLEV acquisition sequence (see Section 5.3) forces the level measuring circuits into
'Slow Peak Detect' mode until a Frame Sync pattern has been found.
In 'HOLD' mode the DOC Capacitors are isolated from the charging and discharging circuits, allowing their
voltages to remain constant.
4.5.3.4
Control Register B1, B0: PLLBW - Phase-Locked Loop Bandwidth Modes
These two bits have no effect in transmit mode. In receive mode, they set the 'normal' or 'steady state'
bandwidth of the Rx clock extraction Phase Locked Loop circuit. The PLL circuit synchronizes itself with the
Rx Signal to develop a local clock signal used in the data clock recovery process. This setting will be
temporarily overridden during the automatic sequencing of an AQSC command when Rx clock extraction
circuits are initially being trained as described in
Section 5.3.
B1
B0
PLL Mode
0
0
Hold
0
1
Narrow Bandwidth
1
0
Medium Bandwidth
1
1
Wide Bandwidth
The normal setting for the PLLBW bits should be 'Medium Bandwidth' when the received symbol rate and the
frequency of the receiving modem's crystal are both within
r100ppm of nominal, except at the start of a
symbol clock acquisition sequence (AQSC) when 'Wide Bandwidth' should be selected as described in
Section 5.3.
If the received symbol rate and the crystal frequency are both within
r20ppm of nominal then selection of the
'Narrow Bandwidth' setting will provide better performance especially through fades or noise bursts which may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com