Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 23 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 23 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 19Page - CML Microcircuits DB929B Datasheet HTML 20Page - CML Microcircuits DB929B Datasheet HTML 21Page - CML Microcircuits DB929B Datasheet HTML 22Page - CML Microcircuits DB929B Datasheet HTML 23Page - CML Microcircuits DB929B Datasheet HTML 24Page - CML Microcircuits DB929B Datasheet HTML 25Page - CML Microcircuits DB929B Datasheet HTML 26Page - CML Microcircuits DB929B Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
4-Level FSK Modem Data Pump
Page 23 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
from Task 2
from Task 3
from Task 1
t1
t2
Task to Command Register
Data to Data Block Buffer
t3
t4
Modem Tx Output
12
1
2
Symbols to RRC Filter
3
IBEMPTY Bit
BFREE Bit
3
t2
t2
t3
t3
t4
t4
Figure 11: Transmit Task Timing Diagram
for Task 2
for Task 3
for Task 1
Task to Command Register
Data from Data Block Buffer
Modem Rx Input
12
1
2
Symbols to De-Interleave
Circuit
3
BFREE Bit
3
t5
t6
t7
t5
t5
t5
t6
t6
t7
t7
Figure 12: Receive Task Timing Diagram
4.5.2.22 RRC Filter Delay
The previous task timing figures are based on the signal at the input to the RRC filter (in transmit mode) or the
input to the de-interleave buffer (in receive mode). There is an additional delay of about 8 symbol times
through to the RRC filter in both transmit and receive modes, as illustrated below:
Delay from Rx Input
(from FM discriminator)
to interpreted data in
internal buffer.
RX Symbol to De-Interleave Buffer
Tx Symbol at TXOUT pin / Rx Symbol from FM discriminator
Symbol-times
Tx Symbol to RRC Filter
Delay from Tx Input
symbol to TXOUT
response.
Figure 13: RRC Low Pass Filter Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com