Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 17 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 17 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits DB929B Datasheet HTML 17Page - CML Microcircuits DB929B Datasheet HTML 18Page - CML Microcircuits DB929B Datasheet HTML 19Page - CML Microcircuits DB929B Datasheet HTML 20Page - CML Microcircuits DB929B Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
4-Level FSK Modem Data Pump
Page 17 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.5.2
Command Register
Writing to this register tells the modem to perform a specific task as indicated by the TASK bits and modified
by the AQSC, AQLEV, CRC, and TXIMP bits.
76543210
Command
Register
AQSC
TXIMP Reserved
Set to '0'
TASK
AQLEV CRC
When there is no action to perform, the modem will be in an 'idle' state. If the modem is in transmit mode, the
input to the Tx RRC filter will be connected to VBIAS. In receive mode, the modem will continue to measure
the received data quality and extract symbols from the received signal, supplying them to the de-interleave
buffer, but otherwise these received symbols are ignored.
4.5.2.1
Command Register B7: AQSC - Acquire Symbol Clock
This bit has no effect in transmit mode.
In receive mode, when a byte with the AQSC bit set to '1' is written to the Command Register, and TASK is not
set to RESET, it initiates an automatic sequence designed to achieve symbol timing synchronization with the
received signal as quickly as possible. This involves setting the Phase Locked Loop of the received bit timing
extraction circuits to its widest bandwidth, then gradually reducing the bandwidth as timing synchronization is
achieved, until it reaches the 'normal' value set by the PLLBW bits of the Control Register.
Setting this bit to '0' (or changing it from '1' to '0') has no effect, however; the acquisition sequence will be re-
started every time a byte written to the Command Register has AQSC = '1'.
The use of the symbol clock acquisition sequence is described in Section 5.3.
4.5.2.2
Command Register B6: AQLEV - Acquire Receive Signal Levels
This bit has no effect in transmit mode.
In receive mode, when a byte with the AQLEV bit set to '1' is written to the Command Register and TASK is
not set to RESET, it initiates an automatic sequence designed to measure the amplitude and DC offset of the
received signal as rapidly as possible. This sequence involves setting the measurement circuits to respond
quickly at first, then gradually increasing their response time, therefore improving the measurement accuracy,
until the 'normal' value set by the LEVRES bits of the Control Register is reached.
Setting this bit to '0' (or changing it from '1' to '0') has no effect, however; the acquisition sequence will be re-
started every time a byte written to the Command Register has AQLEV = '1'.
The use of the level measurement acquisition sequence (AQLEV) is described in Section 5.3.
4.5.2.3
Command Register B5: CRC
This bit allows the user to select between two different initial states of the CRC0, CRC1 and CRC2 checksum
generators. When this bit is set to '1' the CRC generators are initialized to 'all zeros', as required by RD-LAP
¥
systems. When this bit is set to ‘0’, the CRC generators are initialized to ‘all ones’ as required by CCITT X25
CRC based systems. It should always be set to '1' for RD-LAP
¥ compatibility. Other systems may set this bit
as required.
4.5.2.4
Command Register B4: TXIMP - Tx Level/Impulse Shape
This bit allows the user to choose between two transmit symbol waveform shapes as described in Section
4.7.
Note: This bit must be set correctly every time the Command Register is written to.
4.5.2.5
Command Register B3 - Reserved
This bit should always be set to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com