Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 19 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 19 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits DB929B Datasheet HTML 17Page - CML Microcircuits DB929B Datasheet HTML 18Page - CML Microcircuits DB929B Datasheet HTML 19Page - CML Microcircuits DB929B Datasheet HTML 20Page - CML Microcircuits DB929B Datasheet HTML 21Page - CML Microcircuits DB929B Datasheet HTML 22Page - CML Microcircuits DB929B Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
4-Level FSK Modem Data Pump
Page 19 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
RXIN Signal
for Task 1
for Task 2
IRQ Output (IRQEN = '1')
IRQ Bit of Status Register
BFREE Bit of Status Register
Task 1
Task 2
Task 1 data
Data from Block Buffer to C
µ
Task from C to Command
Register
µ
Figure 10: Receive Task Overlapping
Detailed timings for the various tasks are provide in Figure 11 and Figure 12.
MX929B Modem Tasks:
B2
B1
B0
Receive Mode
Transmit Mode
0
0
0
NULL
NULL
0
0
1
SFP
Search for Frame Preamble
T24S
Transmit 24 symbols
0
1
0
RHB
Read Header Block
THB
Transmit Header Block
0
1
1
RILB
Read Intermediate or Last Block
TIB
Transmit Intermediate Block
1
0
0
SFS
Search for Frame Sync
TLB
Transmit Last Block
1
0
1
R4S
Read 4 symbols
T4S
Transmit 4 symbols
1
1
0
RSID
Read Station ID
TSID
Transmit Station ID
1
1
1
RESET
Cancel any current action
RESET
Cancel any current action
4.5.2.7
NULL: No effect
This is provided so an AQSC or AQLEV command can be initiated without loading a new task.
4.5.2.8
SFP: Search for Frame Preamble
This task causes the modem to search the received signal for a valid 24-symbol Frame Preamble, consisting
of a 24-symbol Frame Sync sequence followed by Station ID Block which has a correct CRC0 checksum.
The task continues until a valid Frame Preamble has been found.
The search consists of four stages:
First the modem will attempt to match the incoming symbols against the Frame Synchronization pattern
to within the tolerance defined by the FSTOL bits of the Control Register.
Once a match has been found, the modem will read in the following 'S' symbol, place it in the SVAL bits
of the Status Register then set the SRDY bit to '1'. (The IRQ bit of the Status Register will also be set to
'1' at this time if the SSIEN bit of the Mode Register is '1').
The modem will then read the next 22 symbols as station ID data. They will be decoded and the CRC0
checked. If this is incorrect, the modem will resume the search, looking for a fresh Frame Sync pattern.
If the received CRC0 is correct, the following 'S' symbol will be read into the SVAL bits of the Status
Register and the SRDY, BFREE, and IRQ bits set to '1', the CRCERR bit cleared to '0', and the three
decoded Station ID bytes placed into the Data Block Buffer.
Upon detecting that the BFREE bit of the Status Register has gone to '1', the µC should read the three Station
ID bytes from the Data Block Buffer and then write the next task to the modem's Command Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com