Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 44 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 44 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 40Page - CML Microcircuits DB929B Datasheet HTML 41Page - CML Microcircuits DB929B Datasheet HTML 42Page - CML Microcircuits DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits DB929B Datasheet HTML 46Page - CML Microcircuits DB929B Datasheet HTML 47Page - CML Microcircuits DB929B Datasheet HTML 48Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
4-Level FSK Modem Data Pump
Page 44 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6. Performance Specification
6.1
Electrical Performance
6.1.1
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pin
-20
20
mA
DW and P Packages
Min.
Max.
Units
Total Allowable Power Dissipation at TAMB = 25°C
800
mW
Derating above 25°C
13
mW/°C above °C
Storage Temperature
-55
125
°C
Operating Temperature
-40
85
°C
DS Package
Min.
Max.
Units
Total Allowable Power Dissipation at TAMB = 25°C
550
mW
Derating above 25°C
9
mW/°C above °C
Storage Temperature
-55
125
°C
Operating Temperature
-40
85
°C
6.1.2
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS)
3.0
5.5
V
Symbol Rate
2400
9600
Symbols/sec
Temperature
-40
85
°C
Xtal Frequency
1.0
10.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com