Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 45 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 45 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 41Page - CML Microcircuits DB929B Datasheet HTML 42Page - CML Microcircuits DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits DB929B Datasheet HTML 46Page - CML Microcircuits DB929B Datasheet HTML 47Page - CML Microcircuits DB929B Datasheet HTML 48Page - CML Microcircuits DB929B Datasheet HTML 49Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
4-Level FSK Modem Data Pump
Page 45 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.3
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 4.9152MHz, Symbol Rate = 4800 symbols/sec (9600bps),
Noise Bandwidth = 0 to 9600Hz, VDD = 3.3V to 5.0V @ TAMB = 25°C
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD
1
4.0
10.0
mA
IDD (VDD = 3.3V)
1
2.5
6.3
mA
IDD (Powersave Mode)
1
1.5
mA
IDD (Powersave Mode, VDD = 3.3V)
1
0.6
mA
AC Parameters
Tx Output
TXOUT Impedance
2
1.0
2.5
k
:
Signal Level
TXIMP = 0
3
0.8
1.0
1.2
VP-P
TXIMP = 1
3
0.88
1.1
1.32
VP-P
Output DC Offset with respect to VDD /2
4
-0.25
0.25
V
Rx Input
RXIN Impedance (at 100Hz)
10.0
M
:
RXIN Amp Voltage Gain (input = 1mVRMS at 100Hz)
300
V/V
Input Signal Level
5
0.7
1.0
1.3
VP-P
DC Offset with respect to VDD /2
5
-0.5
0.5
V
Xtal/Clock Input
'High' Pulse Width
6
40
ns
'Low' Pulse Width
6
40
ns
Input Impedance (at 100Hz)
10.0
M
:
Inverter Gain (input = 1 mVRMS at 100Hz)
20
dB
µC Interface
Input Logic "1" Level
7, 8
70%
VDD
Input Logic "0" Level
7, 8
30%
VDD
Input Leakage Current (VIN = 0 to VDD)
7, 8
5.0
5.0
µA
Input Capacitance
7, 8
10.0
pF
Output Logic "1" Level (lOH = 120µA)
8
92%
VDD
Output Logic "0" Level (lOL = 360µA)
8, 9
8%
VDD
'Off' State Leakage Current (VOUT = VDD)
9
10.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com