Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB929B Datasheet(PDF) 43 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 43 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 39Page - CML Microcircuits DB929B Datasheet HTML 40Page - CML Microcircuits DB929B Datasheet HTML 41Page - CML Microcircuits DB929B Datasheet HTML 42Page - CML Microcircuits DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits DB929B Datasheet HTML 46Page - CML Microcircuits DB929B Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
4-Level FSK Modem Data Pump
Page 43 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.6
Received Signal Quality Monitor
In applications where the modem has to monitor a long transmission containing a number of concatenated
Frames, it is recommended that the controlling software include a function which regularly checks that the
modem is still receiving a good data signal and triggers a re-acquisition and possibly changes to another
channel if a problem is encountered. This strategy has been shown to improve the system's overall
performance in situations where fading, large noise bursts, severe co-channel interference, or loss of the
received signal for long periods are likely to occur.
Such a function can be simply implemented by regularly reading the Data Quality Register, which gives a
measure of the overall quality of the received signal, as well as the current effectiveness of the modem's clock
extraction and level measurement systems. Experience has shown that if two consecutive DQ readings are
both less than 50 then it is worth instructing the MX929B to re-acquire the received signal levels and timing
once it has been established that the received carrier level is satisfactory. Re-acquisition should follow the
procedure given in Section 5.3.
The interval between Data Quality readings is not critical, but should be a minimum of 64 symbol times except
for the first reading made after triggering the AQSC and AQLEV automatic acquisition sequences, which
should be delayed for about 250 symbol times.
A suitable algorithm is shown in Figure 27.
Note: Times are symbol times.
Reset timer.
Set µC variable 'LAST_DQ' to 99
Read DQ register into
µC variable 'THIS_DQ'
Copy 'THIS_DQ' to 'LAST DQ'.
Reset Timer.
Yes
Yes
Yes
No
No
No
No
AQSC/AQLEV
task issued
Re Acquire
Timer > 250 ?
Timer > 64 ?
'THIS_DQ' < 50 ?
'LAST_DQ' < 50 ?
Figure 27: Received Signal Quality Monitor Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com