Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 29Page - Infineon Technologies AG TLE9263QX Datasheet HTML 30Page - Infineon Technologies AG TLE9263QX Datasheet HTML 31Page - Infineon Technologies AG TLE9263QX Datasheet HTML 32Page - Infineon Technologies AG TLE9263QX Datasheet HTML 33Page - Infineon Technologies AG TLE9263QX Datasheet HTML 34Page - Infineon Technologies AG TLE9263QX Datasheet HTML 35Page - Infineon Technologies AG TLE9263QX Datasheet HTML 36Page - Infineon Technologies AG TLE9263QX Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 164 page
background image
TLE9263QX
System Features
Data Sheet
33
Rev. 1.1, 2014-09-26
The first sample of the WK input value (HIGH or LOW) is taken as the reference for the next cycle. A change of
the WK input value between the first and second cycle recognized during the on-time of the second cycle will
cause a wake from SBC Sleep Mode or an interrupt during SBC Normal or SBC Stop Mode.
A filter time of 16µs is implemented to avoid a parasitic wake-up due to transients or EMC disturbances. The filter
time tFWK1 is triggered right at the end of the selected on-time and a wake signal is recognized if:
•
the input level will not cross the switching threshold level of typ. 3V during the selected filter time (i.e. if the
signal will keep the HIGH or LOW level) and
•
there was an input level change between the current and previous cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com