Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG TLE9263QX Datasheet HTML 11Page - Infineon Technologies AG TLE9263QX Datasheet HTML 12Page - Infineon Technologies AG TLE9263QX Datasheet HTML 13Page - Infineon Technologies AG TLE9263QX Datasheet HTML 14Page - Infineon Technologies AG TLE9263QX Datasheet HTML 15Page - Infineon Technologies AG TLE9263QX Datasheet HTML 16Page - Infineon Technologies AG TLE9263QX Datasheet HTML 17Page - Infineon Technologies AG TLE9263QX Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 164 page
background image
TLE9263QX
General Product Characteristics
Data Sheet
14
Rev. 1.1, 2014-09-26
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Device Behavior Outside of Specified Functional Range:
•28V
< V
S,func < 40V: Device will still be functional including the state machine; the specified electrical
characteristics might not be ensured anymore. The regulators VCC1/2/3 are working properly, however, a
thermal shutdown might occur due to high power dissipation. HSx switches might be turned OFF depending
on VSHS_OV configurations. The specified SPI communication speed is ensured; the absolute maximum
ratings are not violated, however the device is not intended for continuous operation of VS >28V. The device
operation at high junction temperatures for long periods might reduce the operating life time;
•18V <
V
S,LIN <28V: The LIN transceiver is still functional. However, the communication might fail due to out-of-
LIN-spec operation;
•
VSHS,UVD < VS,LIN < 6V: The LIN transceiver is still functional. However, the communication might fail due to out-
of-LIN-spec operation;
•
V
CAN < 4.75V: The undervoltage bit VCAN_UV will be set in the SPI register BUS_STAT_1 and the transmitter
will be disabled as long as the UV condition is present;
•5.25V
< V
CAN < 5.50V: CAN transceiver still functional. However, the communication might fail due to out-of-
spec operation;
•
VPOR,f < VS < 5.5V: Device will still be functional; the specified electrical characteristics might not be ensured
anymore.
– The voltage regulators will enter the low-drop operation mode
(applies for VCC3 only if bit VCC3_VS_ UV_OFF is set),
– A VCC1_UV reset could be triggered depending on the Vrtx settings,
– The LIN transmitter will be disabled if VSHS,UVD is reached,
– HSx switch behavior will depend on the respective configuration:
- HS_UV_SD_EN = ‘0’ (default): HSx will be turned OFF for VSHS < VSHS_UV and will stay OFF;
- HS_UV_SD_EN = ‘1’: HSx stays on as long as possible. An unwanted over current shut down may occur.
OC shut down bit set and the respective HSx switch will stay OFF;
– FOx outputs will remain ON if they were enabled before VS > 5.5V,
– The specified SPI communication speed is ensured.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage
V
S,func
V
POR
–28
V
1) V
POR see
section
Chapter 15.10
1) Including Power-On Reset, Over- and Under voltage Protection
P_4.2.1
LIN Bus Voltage
V
S,LIN,func
6–
18
V
2)
2) Parameter Specification according to LIN 2.2 standard
P_4.2.2
CAN Supply Voltage
V
CAN,func
4.75
–
5.25
V
–
P_4.2.3
SPI frequency
f
SPI
––
4MHz
see Chapter 16.7
for fSPI,max
P_4.2.4
Junction Temperature
T
j
-40
–
150
°C
–
P_4.2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com