Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 8Page - Infineon Technologies AG TLE9263QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG TLE9263QX Datasheet HTML 11Page - Infineon Technologies AG TLE9263QX Datasheet HTML 12Page - Infineon Technologies AG TLE9263QX Datasheet HTML 13Page - Infineon Technologies AG TLE9263QX Datasheet HTML 14Page - Infineon Technologies AG TLE9263QX Datasheet HTML 15Page - Infineon Technologies AG TLE9263QX Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 164 page
background image
TLE9263QX
General Product Characteristics
Data Sheet
12
Rev. 1.1, 2014-09-26
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 1
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Voltages
Supply Voltage (VS, VSHS)
VS
x, max
-0.3
–
28
V
–
P_4.1.1
Supply Voltage (VS, VSHS)
VS
x, max
-0.3
–
40
V
Load Dump,
max. 400 ms
P_4.1.2
Voltage Regulator 1
V
CC1, max
-0.3
–
5.5
V
–
P_4.1.3
Voltage Regulator 2
V
CC2, max
-0.3
–
28
V
V
CC2 = 40V for
Load Dump,
max. 400 ms;
P_4.1.4
Voltage Regulator 3
(VCC3REF)
V
CC3REF,max
-0.3
–
28
V
V
CC3REF = 40V for
Load Dump,
max. 400 ms;
P_4.1.5
Voltage Regulator 3 (VCC3B)
V
CC3B,max
-0.3
–
V
S
+ 10
V
V
CC3B = 40V for
Load Dump,
max. 400 ms;
P_4.1.25
Voltage Regulator 3
(VCC3SH)
V
CC3SH,max
V
S
- 0.30
–
V
S
+ 0.30
V
–
P_4.1.26
Wake Inputs WK1..3
V
WK, max
-0.3
–
40
V
–
P_4.1.6
Fail Pin FO1
V
FO1, max
-0.3
–
40
V
–
P_4.1.7
Fail Pins FO2, FO3/TEST
V
FO2_3, max
-0.3
–
V
S
+ 0.3
V
–
P_4.1.23
LINx, CANH, CANL
V
BUS, max
-27
–
40
V
–
P_4.1.8
Logic Input Pins (CSN, CLK,
SDI, TXDLINx, TXDCAN)
V
I, max
-0.3
–
V
CC1
+ 0.3
V
–
P_4.1.9
Logic Output Pins (SDO, RO,
INT, RXDLINx, RXDCAN)
V
O, max
-0.3
–
V
CC1
+ 0.3
V
–
P_4.1.10
VCAN Input Voltage
V
VCAN, max
-0.3
–
5.5
V
–
P_4.1.11
High Side 1...4
V
HS, max
-0.3
–
V
SHS
+ 0.3
V
–
P_4.1.12
Currents
Wake input WK1
I
WK1,max
0–
500
µA
2)
P_4.1.13
Wake input WK2
I
WK2,max
-500
–
0
µA
2)
P_4.1.14
Temperatures
Junction Temperature
T
j
-40
–
150
°C
–
P_4.1.15
Storage Temperature
T
stg
-55
–
150
°C
–
P_4.1.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com