Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 35Page - Infineon Technologies AG TLE9263QX Datasheet HTML 36Page - Infineon Technologies AG TLE9263QX Datasheet HTML 37Page - Infineon Technologies AG TLE9263QX Datasheet HTML 38Page - Infineon Technologies AG TLE9263QX Datasheet HTML 39Page - Infineon Technologies AG TLE9263QX Datasheet HTML 40Page - Infineon Technologies AG TLE9263QX Datasheet HTML 41Page - Infineon Technologies AG TLE9263QX Datasheet HTML 42Page - Infineon Technologies AG TLE9263QX Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
Data Sheet
39
Rev. 1.1, 2014-09-26
TLE9263QX
Voltage Regulator 1
6.2
Functional Description
The Voltage Regulator 1 (=VCC1) is “ON” in SBC Normal and SBC Stop Mode and is disabled in SBC Sleep and
in SBC Fail-Safe Mode. The regulator can provide an output current up to IVCC1,lim.
For low-quiescent current reasons, the output voltage tolerance is decreased in SBC Stop Mode because only a
low-power mode regulator with a lower accuracy (VCC1,out41) will be active for small loads. If the load current on
VCC1 exceeds the selected threshold (IVCC1,Ipeak1,r or IVCC1,Ipeak2,r) then the high-power mode regulator will be also
activated to support an optimum dynamic load behavior. The current consumption will then increase by typ. 2.9mA.
If the load current on VCC1 falls below the selected threshold (IVCC1,Ipeak1,f or IVCC1,Ipeak2,f), then the low-quiescent
current mode is resumed again by disabling the high-power mode regulator.
Both regulators (low-power mode and high-power mode) are active in SBC Normal Mode.
Two different active peak thresholds can be selected via SPI:
•
I_PEAK_TH = ‘0’(default): the lower VCC1 active peak threshold 1 is selected with lowest quiescent current
consumption in SBC Stop Mode (IStop_1,25, IStop_1,85);
•
I_PEAK_TH = ‘1’: the higher VCC1 active peak threshold 2 is selected with an increased quiescent current
consumption in SBC Stop Mode (IStop_2,25, IStop_2,85);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com