Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 57Page - Infineon Technologies AG TLE9263QX Datasheet HTML 58Page - Infineon Technologies AG TLE9263QX Datasheet HTML 59Page - Infineon Technologies AG TLE9263QX Datasheet HTML 60Page - Infineon Technologies AG TLE9263QX Datasheet HTML 61Page - Infineon Technologies AG TLE9263QX Datasheet HTML 62Page - Infineon Technologies AG TLE9263QX Datasheet HTML 63Page - Infineon Technologies AG TLE9263QX Datasheet HTML 64Page - Infineon Technologies AG TLE9263QX Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 164 page
background image
Data Sheet
61
Rev. 1.1, 2014-09-26
TLE9263QX
High-Side Switch
9.2.5
PWM and Timer Function
Two 8-bit PWM generators are dedicated to generate a PWM signal on the HS outputs, e.g. for brightness
adjustment or compensation of supply voltage fluctuation. The PWM generators are mapped to the dedicated HS
outputs, and the duty cycle can be independently configured with a 8bit resolution via SPI (PWM1_CTRL,
PWM2_CTRL). Two different frequencies (200Hz, 400Hz) can be selected independently for every PWM
generator in the register PWM_FREQ_CTRL.
PWM Assignment and Configuration:
•
Configure duty cycle and frequency for respective PWM generator in PWM1_CTRL/PWM2_CTRL and
PWM_FREQ_CTRL
•
Assign PWM generator to respective HS switch(es) in HSx_CTRL
•
The PWM generation will start right after the HSx is assigned to the PWM generator (HS_CTRL1, HS_CTRL2)
Assignment options of HS1... HS4
•Timer 1
•Timer 2
•PWM 1
•PWM 2
Note: The min. On-time during PWM is limited by the actual Ton and Toff time of the respective HS switch, e.g.
the PWM setting ‘0000 0001’ could not be realized.
In addition, the minimum PWM setting for reliable detection of over-current and open-load measurement is
4 digits for a period of 400Hz and 2 digits for a period of 200Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com