Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 82Page - Infineon Technologies AG TLE9263QX Datasheet HTML 83Page - Infineon Technologies AG TLE9263QX Datasheet HTML 84Page - Infineon Technologies AG TLE9263QX Datasheet HTML 85Page - Infineon Technologies AG TLE9263QX Datasheet HTML 86Page - Infineon Technologies AG TLE9263QX Datasheet HTML 87Page - Infineon Technologies AG TLE9263QX Datasheet HTML 88Page - Infineon Technologies AG TLE9263QX Datasheet HTML 89Page - Infineon Technologies AG TLE9263QX Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 164 page
background image
Data Sheet
86
Rev. 1.1, 2014-09-26
TLE9263QX
Wake and Voltage Monitoring Inputs
12
Wake and Voltage Monitoring Inputs
12.1
Block Description
Figure 38
Wake Input Block Diagram
Features
•
Three High-Voltage inputs with a 3V (typ.) threshold voltage
•
Alternate Measurement function for high-voltage sensing via WK1 and WK2
•
Wake-up capability for power saving modes
•
Edge sensitive wake feature LOW to HIGH and HIGH to LOW
•
Pull-up and Pull-down current sources, configurable via SPI
•
Selectable configuration for static sense or cyclic sense working with TIMER1, TIMER2
•
In SBC Normal and SBC Stop Mode the level of the WK pin can be read via SPI even if the respective WK is
not enabled as a wake source.
MONx_Input_Circuit_ext.vsd
+
-
t
WK
WKx
Internal Supply
Logic
IPD_WK
IPU_WK
VRef



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com