Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 45Page - Infineon Technologies AG TLE9263QX Datasheet HTML 46Page - Infineon Technologies AG TLE9263QX Datasheet HTML 47Page - Infineon Technologies AG TLE9263QX Datasheet HTML 48Page - Infineon Technologies AG TLE9263QX Datasheet HTML 49Page - Infineon Technologies AG TLE9263QX Datasheet HTML 50Page - Infineon Technologies AG TLE9263QX Datasheet HTML 51Page - Infineon Technologies AG TLE9263QX Datasheet HTML 52Page - Infineon Technologies AG TLE9263QX Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
Data Sheet
49
Rev. 1.1, 2014-09-26
TLE9263QX
External Voltage Regulator 3
8.2
Functional Description
The external voltage regulator can be used as an independent voltage regulator or in load-sharing mode with
VCC1. Setting VCC3_ON in the M_S_CTRL register in SBC Normal Mode sets the stand-alone configuration of
VCC3 as an independent voltage regulator. The load sharing configuration is set via the SPI bit VCC3_LS in the
HW_CTRL register.
Figure 18
Selecting the Configuration of the VCC3 Regulator
Depending on the configuration the regulator will act in the respective SBC Mode as described in Table 12. After
the VCC3 configuration has been selected, it cannot be changed anymore.
In stand-alone configuration the maximum current ICC3max is defined by the current limitation determined by the
used shunt. In load sharing configuration, the shunt is used to determine the current ratio between VCC1 and
VCC3. Since the junction temperature of the external PNP transistor cannot be sensed by the SBC, it cannot be
protected against over temperature by the SBC. Therefore the thermal behavior has to be analyzed by the
application.
For low-quiescent current reasons, the output voltage tolerance is decreased in SBC Stop Mode because a low-
power mode regulator with a lower accuracy will be active for small loads. If the base current on VCC3 exceeds
I
VCC3base > IVCC3base,Ipeak,r then the high-power mode regulator is enabled additionally to support an optimum
dynamic load behavior. If the base current on VCC3 falls below the threshold (
I
VCC3base < IVCC3base,Ipeak,f), then the
low-quiescent current consumption is resumed again by disabling the high-power mode regulator.
Only the high-power mode regulator is active in SBC Normal Mode.
The status of VCC3 is reported in the SUP_STAT_2 SPI register. The regulator will switch OFF in case of VS
dropping below VS_UV regardless of the VCC3 configuration and will be automatically enabled again when
exceeding this threshold voltage unless the control bit VCC3_VS_ UV_OFF is set. VCC3 will also stay active in
SBC Stop Mode when the bit VCC3_LS_ STP_ON is set and when load sharing is configured (for detailed
protection features see Chapter 15.7 and Chapter 16.3).
Set bit
VCC3_V_CFG = 0
Set bit
VCC3_ON = 0 or 1
Set bit
VCC3_LS = 1
VCC3_V_CFG is
automatically set to 0
VCC3_LS, VCC3_ON and
VCC3_V_CFG cannot be
changed anymore
VCC3_LS and VCC3_V_CFG
cannot be changed anymore
(once VCC3_ON is set for the first time)
VCC3
load sharing?
Default value of
VCC3_LS = ‘0'
VCC3
output voltage
in stand-alone
configuration
Set bit
VCC3_V_CFG = 1
Set bit
VCC3_ON = 0 or 1
stand-alone
configuration
VCC3 = 5V
stand-alone
configuration
VCC3 = 3.3V
VCC3 load sharing
VCC3 = VCC1
No
Yes
5.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com