Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 72Page - Infineon Technologies AG TLE9263QX Datasheet HTML 73Page - Infineon Technologies AG TLE9263QX Datasheet HTML 74Page - Infineon Technologies AG TLE9263QX Datasheet HTML 75Page - Infineon Technologies AG TLE9263QX Datasheet HTML 76Page - Infineon Technologies AG TLE9263QX Datasheet HTML 77Page - Infineon Technologies AG TLE9263QX Datasheet HTML 78Page - Infineon Technologies AG TLE9263QX Datasheet HTML 79Page - Infineon Technologies AG TLE9263QX Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 164 page
background image
Data Sheet
76
Rev. 1.1, 2014-09-26
TLE9263QX
LIN Transceiver
11.2
Functional Description
The LIN Bus is a single wire, bi-directional bus, used for in-vehicle networks. The LIN transceivers implemented
inside the TLE9263QX are the interface between the micro controller and the physical LIN Bus. The digital output
data from the micro controller are driven to the LIN bus via the TXD input pin on the TLE9263QX. The transmit
data stream on the TXD input is converted to a LIN bus signal with optimized slew rate to minimize the EME level
of the LIN network. The RXD output sends back the information from the LIN bus to the micro controller. The
receiver has an integrated filter network to suppress noise on the LIN Bus and to increase the EMI (Electro
Magnetic Immunity) level of the transceiver.
Two logical states are possible on the LIN Bus according to the LIN Specification 2.2.
Every LIN network consists of a master node and one or more slave nodes. To configure the TLE9263QX for
master node applications, a resistor in the range of 1 kΩ and a reverse diode must be connected between the LIN
bus and the power supply VSHS.
The different transceiver modes can be controlled via the SPI LIN1 and LIN2 bits.
Figure 33 shows the possible transceiver mode transitions when changing the SBC mode.
Figure 33
LIN Mode Control Diagram
11.2.1
LIN OFF Mode
The LIN OFF Mode is the default mode after power-up of the SBC. It is available in all SBC Modes and is intended
to completely stop LIN activities or when LIN communication is not needed. In LIN OFF Mode, a wake-up event
on the bus will be ignored.
SBC Normal Mode
SBC Mode
LIN Transceiver Mode
SBC Stop Mode
SBC Sleep Mode
SBC Restart Mode
Receive Only
Normal Mode
OFF
Wake Capable
Receive Only
OFF
Wake Capable
OFF
Woken1
OFF
Wake Capable
Normal Mode
Behavior after SBC Restart Mode - not coming from SBC Sleep Mode due to a wake up of the respective transceiver:
If the transceivers had been configured to Normal Mode, or Receive Only Mode, then the mode will be changed to Wake
Capable. If it was Wake Capable, then it will remainWake Capable. If it had been OFF before SBC Restart Mode, then it
will remain OFF.
Behavior in SBC Development Mode:
LIN default value in SBC INIT MODE and entering SBC Normal Mode from SBC Init Mode is ON instead of OFF.
1after a wake event on LIN Bus
SBC Fail-Safe Mode
Wake Capable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com