Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG TLE9263QX Datasheet HTML 11Page - Infineon Technologies AG TLE9263QX Datasheet HTML 12Page - Infineon Technologies AG TLE9263QX Datasheet HTML 13Page - Infineon Technologies AG TLE9263QX Datasheet HTML 14Page - Infineon Technologies AG TLE9263QX Datasheet HTML 15Page - Infineon Technologies AG TLE9263QX Datasheet HTML 16Page - Infineon Technologies AG TLE9263QX Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
TLE9263QX
General Product Characteristics
Data Sheet
13
Rev. 1.1, 2014-09-26
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
ESD Susceptibility
ESD Resistivity
V
ESD,11
-2
–
2
kV
HBM3)
P_4.1.17
ESD Resistivity to GND, HSx
V
ESD,12
-2
–
2
kV
HBM3)
P_4.1.18
ESD Resistivity to GND,
CANH, CANL, LINx
V
ESD,13
-8
–
8
kV
HBM4)3)
P_4.1.19
ESD Resistivity to GND
V
ESD,21
-500
–
500
V
CDM5)
P_4.1.20
ESD Resistivity Pin 1,
12,13,24,25,36,37,48 (corner
pins) to GND
V
ESD,22
-750
–
750
V
CDM5)
P_4.1.21
1) Not subject to production test, specified by design.
2) Applies only if WK1 and WK2 are configured as alternative HV-measurement function
3) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001 (1.5 kΩ, 100 pF)
4) For ESD “GUN” Resistivity 6KV (according to IEC61000-4-2 “gun test” (150pF, 330Ω)), will be shown in Application
Information and test report will be provided from IBEE
5) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101 or ESDA STM5.3.1
Table 1
Absolute Maximum Ratings1) (cont’d)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com