Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 69Page - Infineon Technologies AG TLE9263QX Datasheet HTML 70Page - Infineon Technologies AG TLE9263QX Datasheet HTML 71Page - Infineon Technologies AG TLE9263QX Datasheet HTML 72Page - Infineon Technologies AG TLE9263QX Datasheet HTML 73Page - Infineon Technologies AG TLE9263QX Datasheet HTML 74Page - Infineon Technologies AG TLE9263QX Datasheet HTML 75Page - Infineon Technologies AG TLE9263QX Datasheet HTML 76Page - Infineon Technologies AG TLE9263QX Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 164 page
background image
Data Sheet
73
Rev. 1.1, 2014-09-26
TLE9263QX
High Speed CAN Transceiver
Figure 30
Timing Diagrams for Dynamic Characteristics
TXD Permanent Dominant
Time-out
t
TxD_CAN_TO
–2
–ms
4)CAN Normal
Mode
P_10.3.36
BUS Permanent Dominant
Time-out
t
BUS_CAN_TO
–2
–ms
4)CAN Normal
Mode
P_10.3.37
1) Not subject to production test, specified by design.
2)
f
TXD = 250 kHz rectangular signal, duty cycle = 50%;
3) Rtest between supply (VS / VCAN) and 0V (GND);
4) Not subject to production test, tolerance defined by internal oscillator tolerance;
5) Wake-up is signalized via INT pin activation in SBC Stop Mode and via VCC1 ramping up with wake from SBC Sleep Mode;
6) Time starts with end of last dominant phase of WUP;
Table 17
Electrical Characteristics (cont’d)
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; 4.75 V < VCAN < 5.25 V; RL = 60Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
t
d(L),R
t
V
DIFF
t
d(L),TR
t
d(H),R
t
d(H),TR
t
d(L),T
t
GND
V
TXD
V
CC1
t
d(H),T
V
diff, rd_N
V
diff, dr_N
t
GND
0.2 x VCC1
0.8 x V
CC1
V RXD
V
CC 1
CA N dynamic characteristics.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com