Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 78Page - Infineon Technologies AG TLE9263QX Datasheet HTML 79Page - Infineon Technologies AG TLE9263QX Datasheet HTML 80Page - Infineon Technologies AG TLE9263QX Datasheet HTML 81Page - Infineon Technologies AG TLE9263QX Datasheet HTML 82Page - Infineon Technologies AG TLE9263QX Datasheet HTML 83Page - Infineon Technologies AG TLE9263QX Datasheet HTML 84Page - Infineon Technologies AG TLE9263QX Datasheet HTML 85Page - Infineon Technologies AG TLE9263QX Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
Data Sheet
82
Rev. 1.1, 2014-09-26
TLE9263QX
LIN Transceiver
LIN Bus Transmitter (LIN Pin)
Bus Serial Diode Voltage Drop
V
serdiode
0.4
0.7
1.0
V
1) V
TXD = VCC1;
LIN 2.2 Param 21
P_11.3.15
Bus Recessive Output
Voltage
V
BUS,ro
0.8 ×
V
SHS
–
V
SHS
V
V
TXD = HIGH Level
P_11.3.16
Bus Short Circuit Current
I
BUS,sc
40
100
150
mA
V
BUS = 18 V;
LIN 2.2 Param 12
P_11.3.17
Leakage Current
Loss of Ground
I
BUS,lk1
-1000 -450
20
µA
V
SHS = 12 V = GND;
0 V <
V
BUS < 18 V;
LIN 2.2 Param 15
P_11.3.18
Leakage Current
Loss of Battery
I
BUS,lk2
––20
µA
V
SHS = 0 V;
V
BUS = 18 V;
LIN 2.2 Param 16
P_11.3.19
Leakage Current
Driver Off
I
BUS,lk3
-1
––mA
V
SHS = 18 V;
V
BUS = 0 V;
LIN 2.2 Param 13
P_11.3.20
Leakage Current
Driver Off
I
BUS,lk4
––20
µA
V
SHS = 8 V;
V
BUS = 18 V;
LIN 2.2 Param 14
P_11.3.21
Bus Pull-up Resistance
R
BUS
20
30
47
kΩ
Normal Mode
LIN 2.2 Param 26
P_11.3.22
LIN Input Capacitance
C
BUS
20
25
pF
1)
P_11.3.23
Receiver propagation delay
bus dominant to RXD LOW
t
d(L),R
–16µs
V
CC = 5 V;
C
RXD = 20 pF;
LIN 2.2 Param 31
P_11.3.24
Receiver propagation delay
bus recessive to RXD HIGH
t
d(H),R
–16µs
V
CC = 5 V;
C
RXD = 20 pF;
LIN 2.2 Param 31
P_11.3.25
Receiver delay symmetry
t
sym,R
-2
–2µs
t
sym,R = td(L),R - td(H),R;
LIN 2.2 Param 32
P_11.3.26
LIN Transceiver Enabling
Time
t
LIN,EN
–10
–
µs
2) CSN = HIGH to first valid
transmitted TXD dominant
P_11.3.27
Bus Dominant Time Out
t
BUS_LIN
_TO
–20
–
ms
1)2)
P_11.3.28
TXD Dominant Time Out
t
TxD_LIN
_TO
–20
–
ms
1)2)V
TXD = 0 V
P_11.3.29
TXD Dominant Time Out
Recovery Time
t
torec
–10
–
µs
1)2)
P_11.3.30
Table 19
Electrical Characteristics (cont’d)
V
SHS = 5.5 V to 18 V, Tj = -40 °C to +150 °C, RL = 500 Ω, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com