Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9263QX Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 75Page - Infineon Technologies AG TLE9263QX Datasheet HTML 76Page - Infineon Technologies AG TLE9263QX Datasheet HTML 77Page - Infineon Technologies AG TLE9263QX Datasheet HTML 78Page - Infineon Technologies AG TLE9263QX Datasheet HTML 79Page - Infineon Technologies AG TLE9263QX Datasheet HTML 80Page - Infineon Technologies AG TLE9263QX Datasheet HTML 81Page - Infineon Technologies AG TLE9263QX Datasheet HTML 82Page - Infineon Technologies AG TLE9263QX Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 164 page
background image
Data Sheet
79
Rev. 1.1, 2014-09-26
TLE9263QX
LIN Transceiver
11.2.5
TXD Time-out Feature
If the TXD signal is dominant for the time t >tTxD_LIN _TO, the TXD time-out function deactivates the LIN transmitter
output stage temporarily. The transceiver remains in recessive state. The TXD time-out functions prevents the LIN
bus from being blocked by a permanent LOW signal on the TXD pin, caused by a failure. The failure is stored in
the SPI flag LIN1_FAIL and LIN2_FAIL. The LIN transmitter stage is activated again after the dominant time-out
condition is removed. The transceiver configuration stays unchanged.
Figure 35
TXD Time-Out Function
11.2.6
Bus Dominant Clamping
If the LIN bus signal is dominant for a time
t > t
BUS_LIN_TO regardless of the LIN transceiver mode, a bus dominant
clamping is detected and the SPI bit LIN1_FAIL and LIN2_FAIL is set. The transceiver configuration stays
unchanged.
11.2.7
Under-Voltage Detection
In case the supply voltage is dropping below the VSHS under-voltage detection threshold (VSHS < VSHS,UVD), the
TLE9263QX disables the output and receiver stages. If the power supply reaches a higher level than the under
voltage detection threshold (VSHS > VSHS,UVD), the TLE9263QX continues with normal operation. The transceiver
configuration stays unchanged.
TxD
LIN
ttorec
ttimeout
Normal Communication
Normal Communication
TxD Time-Out due to
microcontroller error
Release after TxD
Time-out
Recovery of the
microcontroller error
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com