Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 19Page - Microchip Technology USB3500 Datasheet HTML 20Page - Microchip Technology USB3500 Datasheet HTML 21Page - Microchip Technology USB3500 Datasheet HTML 22Page - Microchip Technology USB3500 Datasheet HTML 23Page - Microchip Technology USB3500 Datasheet HTML 24Page - Microchip Technology USB3500 Datasheet HTML 25Page - Microchip Technology USB3500 Datasheet HTML 26Page - Microchip Technology USB3500 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002103A-page 23
USB3500
The OTG Module can be broken into 4 main blocks; ID Detection, VBUS Control, Driving External VBUS, and External
VBUS Detection. Each of these blocks is covered in the sections below.
5.7.1
ID DETECTION
The USB3500 provides an ID pin to determine the type of USB cable connected. When the Mini-A Plug of a USB cable
is inserted into the Mini-AB connector, the ID pin is shorted to ground. When the Mini-B Plug is inserted into the Mini-
AB connector, the ID pin is allowed to float.
The USB3500 provides an integrated pull-up resistor to pull the ID pin to VDD3.3 when a Mini-B plug is inserted and
the cable is floating. When a Mini-A plug is connected, the pull-up resistor will be overpowered and the ID pin will be
brought to ground. To save current when a Mini-A Plug is inserted, the ID pull-up resistor can be disabled by clearing
the IDPULLUP pin. To prevent the ID pin from floating to a random value, a weak pull-up resistor is provided at all times.
The circuits related to the ID comparator are shown in Figure 5-8 and their related parameters are shown in Table 4-7.
FIGURE 5-8:
USB3500 ON-THE-GO MODULE
TABLE 5-2:
IDGND VS. USB CABLE TYPE
USB Plug
OTG Role
ID Voltage
IDGND
AHOST
0
0
B
PERIPHERAL
3.3
1
OTG Module
VBUS
ID
VDD33
VBUSVLD
SESSVLD
SESSEND
IDPULLUP
DISCHRGVBUS
ID_DIG
CHRGVBUS
0.5V
1.4V
4.575V
0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com