Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 5Page - Microchip Technology USB3500 Datasheet HTML 6Page - Microchip Technology USB3500 Datasheet HTML 7Page - Microchip Technology USB3500 Datasheet HTML 8Page - Microchip Technology USB3500 Datasheet HTML 9Page - Microchip Technology USB3500 Datasheet HTML 10Page - Microchip Technology USB3500 Datasheet HTML 11Page - Microchip Technology USB3500 Datasheet HTML 12Page - Microchip Technology USB3500 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002103A-page 9
USB3500
32
DATA[7]
I/O,
CMOS,
Pull-low
N/A
8-bit bi-directional data bus. Data[7] is the MSB and
Data[0] is the LSB.
33
DATA[6]
I/O,
CMOS,
Pull-low
N/A
34
DATA[5]
I/O,
CMOS,
Pull-low
N/A
35
DATA[4]
I/O,
CMOS,
Pull-low
N/A
36
DATA[3]
I/O,
CMOS,
Pull-low
N/A
37
DATA[2]
I/O,
CMOS,
Pull-low
N/A
38
DATA[1]
I/O,
CMOS,
Pull-low
N/A
39
DATA[0]
I/O,
CMOS,
Pull-low
N/A
40
VSS
Ground
N/A
PHY ground.
41
RXVALID
Output
High
Receive Data Valid. Indicates that the DATA bus has
received valid data. The Receive Data Holding
Register is full and ready to be unloaded. The Link is
expected to register the DATA bus on the next rising
edge of CLKOUT.
42
SESSVLD
Output
High
Session Valid. Indicates that the voltage on Vbus is
above the indicated threshold.
0: VBUS < VSessVld
1: VBUS > VSessVld
43
DPPD
Input
N/A
DP Pull-down Select. This signal enables the 15k
Ohm pull-down resistor on the DP line.
0: Pull-down resistor not connected to DP
1: Pull-down resistor connected to DP
44
DMPD
Input
N/A
DM Pull-down Select. This signal enables the 15k
Ohm pull-down resistor on the DM line.
0: Pull-down resistor not connected to DM
1: Pull-down resistor connected to DM
45
RXERROR
Output
High
Receive Error. This output is clocked with the same
timing as the receive DATA lines and can occur at
anytime during a transfer.
0: Indicates no error.
1: Indicates a receive error has been detected.
46
VSS
Ground
N/A
PHY ground.
47
VBUSVLD
Output
High
VBUS Valid. Indicates that the voltage on Vbus is
above the indicated threshold.
0: VBUS < VVbusVld
1: VBUS > VVbusVld
48
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for USB 2.0
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
TABLE 2-1:
USB3500 PIN DEFINITIONS (CONTINUED)
Pin
Name
Direction,
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com