Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 3Page - Microchip Technology USB3500 Datasheet HTML 4Page - Microchip Technology USB3500 Datasheet HTML 5Page - Microchip Technology USB3500 Datasheet HTML 6Page - Microchip Technology USB3500 Datasheet HTML 7Page - Microchip Technology USB3500 Datasheet HTML 8Page - Microchip Technology USB3500 Datasheet HTML 9Page - Microchip Technology USB3500 Datasheet HTML 10Page - Microchip Technology USB3500 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002103A-page 7
USB3500
4
TXREADY
Output
High
Transmit Data Ready. If TXVALID is asserted, the Link
must always have data available for clocking into the
TX Holding Register on the rising edge of CLKOUT.
TXREADY is an acknowledgment to the Link that the
transceiver has clocked the data from the bus and is
ready for the next transfer on the bus. If TXVALID is
negated, TXREADY can be ignored by the Link.
5
VBUS
I/O,
Analog
N/A
VBUS pin of the USB cable.
6
ID
Input,
Analog
N/A
ID pin of the USB cable.
7
SUSPENDN
Input
Low
Suspend. Places the transceiver in a mode that draws
minimal power from supplies. In host mode, RPU is
removed during suspend. In device mode, RPD is
controlled by TERMSEL. In suspend mode the clocks
are off.
0: PHY in suspend mode
1: PHY in normal operation
8TXVALID
Input
High
Transmit Valid. Indicates that the DATA bus is valid for
transmit. The assertion of TXVALID initiates the
transmission of SYNC on the USB bus. The negation
of TXVALID initiates EOP on the USB.
Control inputs (OPMODE[1:0],
TERMSEL,XCVERSEL) must not be changed on the
de-assertion or assertion of TXVALID.
9
RESET
Input
High
Reset. Reset all state machines. After coming out of
reset, must wait 5 rising edges of clock before
asserting TXValid for transmit.
Assertion of Reset: May be asynchronous to CLKOUT
De-assertion of Reset: Must be synchronous to
CLKOUT
10
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for USB 2.0
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
11
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
12
DM
I/O,
Analog
N/A
D- pin of the USB cable.
13
VSS
Ground
N/A
PHY ground.
14
VDD3.3
N/A
N/A
3.3V PHY Supply.
15
XCVRSEL[1]
Input
N/A
Transceiver Select. These signals select between the
FS and HS transceivers:
Transceiver select.
00: HS
01: FS
10: LS
11: LS data, FS rise/fall times
16
CHRGVBUS
Input
High
Charge VBUS through a resistor to VDD3.3.
0: do not charge VBUS
1: charge VBUS
17
RXACTIVE
Output
High
Receive Active. Indicates that the receive state
machine has detected Start of Packet and is active.
18
OPMODE[1]
Input
N/A
Operational Mode. These signals select between the
various operational modes:
[1]
[0]
Description
0
0
0: Normal Operation
0
1
1: Non-driving (all terminations removed)
1
0
2: Disable bit stuffing and NRZI encoding
1
1
3: Reserved
19
OPMODE[0]
Input
N/A
TABLE 2-1:
USB3500 PIN DEFINITIONS (CONTINUED)
Pin
Name
Direction,
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com