Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 30Page - Microchip Technology USB3500 Datasheet HTML 31Page - Microchip Technology USB3500 Datasheet HTML 32Page - Microchip Technology USB3500 Datasheet HTML 33Page - Microchip Technology USB3500 Datasheet HTML 34Page - Microchip Technology USB3500 Datasheet HTML 35Page - Microchip Technology USB3500 Datasheet HTML 36Page - Microchip Technology USB3500 Datasheet HTML 37Page - Microchip Technology USB3500 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
USB3500
DS00002103A-page 34
2005 - 2016 Microchip Technology Inc.
To generate resume signaling (FS 'K') the device is placed in the “Disable Bit Stuffing and NRZI encoding” Operational
Mode (OPMODE [1:0] = 10), TERMSELECT and XCVRSELECT must be in FS mode, TXVALID asserted, and all 0's
data is presented on the DATA bus for at least 1ms (T1 - T2).
6.12
Detection of Resume
Resume signaling always takes place in FS mode (TERMSELECT and XCVRSELECT = FS enabled), so the behavior
for a HS device is identical to that of a FS device. The Link uses the LINESTATE signals to determine when the USB
transitions from the 'J' to the 'K' state and finally to the terminating FS EOP (SE0 for 1.25us-1.5µs.).
The resume signaling (FS 'K') will be asserted for at least 20ms. At the beginning of this period the Link may negate
SUSPENDN, allowing the transceiver (and its oscillator) to power up and stabilize.
The FS EOP condition is relatively short. Links that simply look for an SE0 condition to exit suspend mode do not nec-
essarily give the transceiver’s clock generator enough time to stabilize. It is recommended that all Link implementations
key off the 'J' to 'K' transition for exiting suspend mode (SUSPENDN = 1). And within 1.25µs after the transition to the
SE0 state (low-speed EOP), the Link must enable normal operation, i.e. enter HS or FS mode depending on the mode
the device was in when it was suspended.
If the device was in FS mode: then the Link leaves the FS terminations enabled. After the SE0 expires, the downstream
port will assert a J state for one low-speed bit time, and the bus will enter a FS Idle state (maintained by the FS termi-
nations).
If the device was in HS mode: then the Link must switch to the FS terminations before the SE0 expires (< 1.25µs). After
the SE0 expires, the bus will then enter a HS IDLE state (maintained by the HS terminations).
FIGURE 6-7:
RESUME TIMING BEHAVIOR (HS MODE)
TABLE 6-10:
RESUME TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
T0
Internal device event initiating the resume process 0 (reference)
T1
Device asserts FS 'K' on the bus to signal resume
request to downstream port
T0 < T1 < T0 + 10ms.
T2
The device releases FS 'K' on the bus. However
by this time the 'K' state is held by downstream
port.
T1 + 1.0ms < T2 < T1 + 15ms
T3
Downstream port asserts SE0.
T1 + 20ms
T4
Latest time at which a device, which was
previously in HS mode, must restore HS mode
after bus activity stops.
T3 + 1.33µs {2 Low-speed bit times}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com