Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 24Page - Microchip Technology USB3500 Datasheet HTML 25Page - Microchip Technology USB3500 Datasheet HTML 26Page - Microchip Technology USB3500 Datasheet HTML 27Page - Microchip Technology USB3500 Datasheet HTML 28Page - Microchip Technology USB3500 Datasheet HTML 29Page - Microchip Technology USB3500 Datasheet HTML 30Page - Microchip Technology USB3500 Datasheet HTML 31Page - Microchip Technology USB3500 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
USB3500
DS00002103A-page 28
2005 - 2016 Microchip Technology Inc.
6.6
Suspend Detection
If a HS device detects SE0 asserted on the bus for more than 3ms (T1), it reverts to FS mode. This enables the FS pull-
up on the DP line in an attempt to assert a continuous FS J state on the bus. The Link must then check LINESTATE for
the J condition. If J is asserted at time T2, then the upstream port is asserting a soft SE0 and the USB is in a J state
indicating a suspend condition. By time T4 the device must be fully suspended.
6.7
HS Detection Handshake
The downstream facing port asserting an SE0 state on the bus initiates the HS Detection Handshake.
There are three ways in which a device may enter the HS Handshake Detection process:
1.
If the device is suspended and it detects an SE0 state on the bus it may immediately enter the HS handshake
detection process.
2.
If the device is in FS mode and an SE0 state is detected for more than 2.5µs. it may enter the HS handshake
detection process.
3.
If the device is in HS mode and an SE0 state is detected for more than 3.0ms. it may enter the HS handshake
detection process. In HS mode, a device must first determine whether the SE0 state is signaling a suspend or a
reset condition. To do this the device reverts to FS mode by placing XCVRSELECT and TERMSELECT into FS
mode. The device must not wait more than 3.125ms before the reversion to FS mode. After reverting to FS mode,
no less than 100µs and no more than 875µs later the Link must check the LINESTATE signals. If a J state is
FIGURE 6-2:
SUSPEND TIMING BEHAVIOR (HS MODE)
TABLE 6-6:
SUSPEND TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
End of last bus activity, signaling either a reset
or a SUSPEND.
0 (reference)
T1
The time at which the device must place itself in
FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0
+ 3.125ms
T2
Link samples LINESTATE. If LINESTATE = 'J',
then the initial SE0 on the bus (T0 - T1) had
been due to a Suspend state and the Link
remains in HS mode.
T1 + 100 µs < T2 <
T1 + 875µs
T3
The earliest time where a device can issue
Resume signaling.
HS Reset T0 + 5ms
T4
The latest time that a device must actually be
suspended, drawing no more than the suspend
current from the bus.
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com