Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 21Page - Microchip Technology USB3500 Datasheet HTML 22Page - Microchip Technology USB3500 Datasheet HTML 23Page - Microchip Technology USB3500 Datasheet HTML 24Page - Microchip Technology USB3500 Datasheet HTML 25Page - Microchip Technology USB3500 Datasheet HTML 26Page - Microchip Technology USB3500 Datasheet HTML 27Page - Microchip Technology USB3500 Datasheet HTML 28Page - Microchip Technology USB3500 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002103A-page 25
USB3500
6.0
APPLICATION NOTES
The following sections consist of select functional explanations to aid in implementing the USB3500 into a system. For
complete description and specifications consult the USB 2.0 Transceiver Macrocell Interface Specification and Univer-
sal Serial Bus Specification Revision 2.0.
6.1
Linestate
The voltage thresholds that the LINESTATE[1:0] signals use to reflect the state of DP and DM depend on the state of
XCVRSELECT. LINESTATE[1:0] uses HS thresholds when the HS transceiver is enabled (XCVRSELECT = 0) and FS
thresholds when the FS transceiver is enabled (XCVRSELECT = 1). There is not a concept of variable single-ended
thresholds in the USB 2.0 specification for HS mode.
The HS receiver is used to detect Chirp J or K, where the output of the HS receiver is always qualified with the Squelch
signal. If squelched, the output of the HS receiver is ignored. In the USB3500, as an alternative to using variable thresh-
olds for the single-ended receivers, the following approach is used. In HS device mode, 3ms of no USB activity (IDLE
state) signals a reset. The Link monitors LINESTATE[1:0] for the IDLE state. To minimize transitions on LINESTATE[1:0]
while in HS mode, the presence of !Squelch is used to force LINESTATE[1:0] to a J state.
TABLE 6-1:
DEVICE LINESTATE STATES (DPPD & DMPD = 0)
State of DP/DM Lines
Linestate[1:0]
Full Speed
XCVRSELECT[1:0]=01
TERMSELECT=1
High Speed
XCVRSELECT[1:0]=00
TERMSELECT=0
Chirp Mode
XCVRSELECT[1:0]=00
TERMSELECT=1
LS[1]
LS[0]
0
0
SE0
Squelch
Squelch
0
1
FS-J
!Squelch
!Squelch &
HS Differential Receiver
Output
1
0
FS-K
Invalid
!Squelch &
!HS Differential Receiver
Output
1
1
SE1
Invalid
Invalid
TABLE 6-2:
HOST LINESTATE STATES (DPPD & DMPD = 1)
State of DPDM Lines
Linestate[1:0]
Low Speed
XCVRSEL[1:0]=10
TERMSELECT=1
Full Speed
XCVRSEL[1:0]=01
TERMSELECT=1
High Speed
XCVRSEL[1:0]=00
TERMSELECT=0
OPMODE=00/01
Chirp Mode
XCVRSEL[1:0]=00
TERMSELECT=0
OPMODE=10
LS[1]
LS[0]
0
0
SE0
SE0
Squelch
Squelch
0
1
LS-K
FS-J
!Squelch
!Squelch &
HS Differential
Receiver Output
1
0
LS-J
FS-K
Invalid
!Squelch &
!HS Differential
Receiver Output
1
1
SE1
SE1
Invalid
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com