Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 32Page - Microchip Technology USB3500 Datasheet HTML 33Page - Microchip Technology USB3500 Datasheet HTML 34Page - Microchip Technology USB3500 Datasheet HTML 35Page - Microchip Technology USB3500 Datasheet HTML 36Page - Microchip Technology USB3500 Datasheet HTML 37Page - Microchip Technology USB3500 Datasheet HTML 38Page - Microchip Technology USB3500 Datasheet HTML 39Page - Microchip Technology USB3500 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
USB3500
DS00002103A-page 36
2005 - 2016 Microchip Technology Inc.
6.14
USB Reset and Chirp
The USB 2.0 specification describes USB Reset as a means of attaching a FS or a HS Device to a Host. This discussion
will focus on a HS device connecting to a HS host.
Figure 6-9 shows the UTMI+ interface for both a Host (DPPD & DMPD = 1) and a Device (DPPD & DMPD = 0). The
following discussion applies to when the USB3500 is a configured as a Device and is connected to another USB3500
configured as a Host. Since the Host and Device negotiate this transition, both are discussed together and the user may
follow this discussion for either a host or device depending on the application of the USB3500. This sequence is also
referred to as a “high-speed chirp” due to the K-J pairs which the host sends to the downstream device.
Before the Host begins a session, it will set Xcvrselect to FS mode (10b) and Termselect to 1b to activate the HS termi-
nation. The Host will also asserted the 15Kohm pull-down resistors on DP and DM. The 15Kohm pull down resistors will
pull DP and DM to 0 volts so that the Host Linestate will return Single Ended Zero (SE0) when nothing is attached.
At time marker T0, the host link applies VBUS to the downstream port.
At T1, the Device has detected a valid voltage on VBUS and has asserted Termselect to enable the 1.5K ohm pull-up
resistor on DP. During T1 the Host sees the linestate go from SEO to a J due to the pull-up on DP.
FIGURE 6-9:
USB RESET AND CHIRP
Note:
Note: Should a device attached to the host be a LS device, then the 1.5 K ohm pull-up is applied to DM.
The following discussion does not apply to a LS device attached.
xcvrselect
termselect
opmode
txvalid
data
Device DPPD & DMPD == 0
HOST DPPD & DMPD == 1
vbus
xcvrselect
termselect
opmode
txvalid
linestate
data
T1
T0
T2
5Volt
SE0
01
00
01
00
10
J
SE0
T3
T4
00h
Kseo
T5
KJ
K
J
T6
T7
T8
K
00
FF
FF
00
00
rxactive
rxvalid
00
10
00
DP
DM
K-J
Pairs
J
00
SE0
00-FF
HS
SOF
A5h
00
Hs SOF packet
Hs SOF packet
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com