Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 12Page - Microchip Technology USB3500 Datasheet HTML 13Page - Microchip Technology USB3500 Datasheet HTML 14Page - Microchip Technology USB3500 Datasheet HTML 15Page - Microchip Technology USB3500 Datasheet HTML 16Page - Microchip Technology USB3500 Datasheet HTML 17Page - Microchip Technology USB3500 Datasheet HTML 18Page - Microchip Technology USB3500 Datasheet HTML 19Page - Microchip Technology USB3500 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
USB3500
DS00002103A-page 16
 2005 - 2016 Microchip Technology Inc.
5.0
DETAILED FUNCTIONAL DESCRIPTION
FIGURE 2-1: on page 5 shows the functional block diagram of the USB3500. Each of the functions is described in detail
below.
5.1
8bit Bi-Directional Data Bus Operation
The USB3500 supports an 8-bit bi-directional parallel interface.
• CLKOUT runs at 60MHz
• The 8-bit data bus (DATA[7:0]) is used for transmit when TXVALID = 1
• The 8-bit data bus (DATA[7:0]) is used for receive when TXVALID = 0
Figure 5-1 shows the relationship between CLKOUT and the transmit data transfer signals in FS mode. TXREADY is
only asserted for one CLKOUT per byte time to signal the Link that the data on the DATA lines has been read by the
PHY. The Link may hold the data on the DATA lines for the duration of the byte time. Transitions of TXVALID must meet
the defined setup and hold times relative to CLKOUT.
Figure 5-2 shows the relationship between CLKOUT and the receive data control signals in FS mode. RXACTIVE
“frames” a packet, transitioning only at the beginning and end of a packet. However transitions of RXVALID may take
place any time 8 bits of data are available. Figure 5-2 also shows how RXVALID is only asserted for one CLKOUT cycle
per byte time even though the data may be presented for the full byte time. The XCVRSELECT signal determines
whether the HS or FS timing relationship is applied to the data and control signals.
FIGURE 5-1:
FS CLK RELATIONSHIP TO TRANSMIT DATA AND CONTROL SIGNALS
FIGURE 5-2:
FS CLK RELATIONSHIP TO RECEIVE DATA AND CONTROL SIGNALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com