Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 13Page - Microchip Technology USB3500 Datasheet HTML 14Page - Microchip Technology USB3500 Datasheet HTML 15Page - Microchip Technology USB3500 Datasheet HTML 16Page - Microchip Technology USB3500 Datasheet HTML 17Page - Microchip Technology USB3500 Datasheet HTML 18Page - Microchip Technology USB3500 Datasheet HTML 19Page - Microchip Technology USB3500 Datasheet HTML 20Page - Microchip Technology USB3500 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002103A-page 17
USB3500
5.2
TX Logic
This block receives parallel data bytes placed on the DATA bus and performs the necessary transmit operations. These
operations include parallel to serial conversion, bit stuffing and NRZI encoding. Upon valid assertion of the proper TX
control lines by the Link and TX State Machine, the TX LOGIC block will synchronously shift, at either the FS or HS rate,
the data to the FS/HS TX block to be transmitted on the USB cable. Data transmit timing is shown in Figure 5-3.
The behavior of the Transmit State Machine is described below.
• The Link asserts TXVALID to begin a transmission.
• After the Link asserts TXVALID it can assume that the transmission has started when it detects TXREADY has
been asserted.
• The Link must assume that the USB3500 has consumed a data byte if TXREADY and TXVALID are asserted on
the rising edge of CLKOUT.
• The Link must have valid packet information (PID) asserted on the DATA bus coincident with the assertion of
TXVALID.
• TXREADY is sampled by the Link on the rising edge of CLKOUT.
• The Link negates TXVALID to complete a packet. Once negated, the transmit logic will never reassert TXREADY
until after the EOP has been generated. (TXREADY will not re-assert until TXVALD asserts again.)
• The USB3500 is ready to transmit another packet immediately. However, the Link must conform to the minimum
inter-packet delays identified in the USB 2.0 specification.
• Supports high speed disconnect detect through the HOSTDISC pin. In Host mode the USB3500 will sample the
disconnect comparator at the 32nd bit of the 40 bit long EOP during SOF packets.
• Supports FS pre-amble for FS hubs with a LS device.
• Supports LS keep alive by receiving the SOF PID.
• Supports Host mode resume K which ends with two low speed times of SE0 followed by 1 FS “J”.
FIGURE 5-3:
TRANSMIT TIMING FOR A DATA PACKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com