Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 6Page - Microchip Technology USB3500 Datasheet HTML 7Page - Microchip Technology USB3500 Datasheet HTML 8Page - Microchip Technology USB3500 Datasheet HTML 9Page - Microchip Technology USB3500 Datasheet HTML 10Page - Microchip Technology USB3500 Datasheet HTML 11Page - Microchip Technology USB3500 Datasheet HTML 12Page - Microchip Technology USB3500 Datasheet HTML 13Page - Microchip Technology USB3500 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
USB3500
DS00002103A-page 10
 2005 - 2016 Microchip Technology Inc.
49
VDD1.8
N/A
N/A
1.8V regulator output for digital circuitry on chip. Place
a 4.7uF low ESR capacitor near this pin and connect
the capacitor from this pin to ground. Connect pin 49
to pin 27. See Section 5.6, "Internal Regulators and
POR," on page 22.
50
VSS
Ground
N/A
PHY ground.
51
XO
Output,
Analog
N/A
Crystal pin. If using an external clock on XI this pin
should be floated.
52
XI
Input,
Analog
N/A
Crystal pin. A 24MHz crystal is supported. The crystal
is placed across XI and XO. An external 24MHz clock
source may be driven into XI in place of a crystal.
53
VDDA1.8
N/A
N/A
1.8V regulator output for analog circuitry on chip.
Place a 0.1uF capacitor near this pin and connect the
capacitor from this pin to ground. In parallel, place a
4.7uF low ESR capacitor near this pin and connect the
capacitor from this pin to ground. See Section 5.6,
"Internal Regulators and POR".
54
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for USB 2.0
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
55
VDD3.3
N/A
N/A
3.3V PHY Supply. Should be connected directly to pin
54.
56
RBIAS
Analog,
CMOS
N/A
External 1% bias resistor. Requires a 12KΩ resistor to
ground.
GND FLAG
Ground
N/A
Ground. The flag must be connected to the ground
plane.
TABLE 2-1:
USB3500 PIN DEFINITIONS (CONTINUED)
Pin
Name
Direction,
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com