Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 28Page - Microchip Technology USB3500 Datasheet HTML 29Page - Microchip Technology USB3500 Datasheet HTML 30Page - Microchip Technology USB3500 Datasheet HTML 31Page - Microchip Technology USB3500 Datasheet HTML 32Page - Microchip Technology USB3500 Datasheet HTML 33Page - Microchip Technology USB3500 Datasheet HTML 34Page - Microchip Technology USB3500 Datasheet HTML 35Page - Microchip Technology USB3500 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
USB3500
DS00002103A-page 32
2005 - 2016 Microchip Technology Inc.
6.10
HS Detection Handshake – Suspend Timing
If reset is entered from a suspended state, the internal oscillator and clocks of the transceiver are assumed to be pow-
ered down. Figure 6-6 shows how CLKOUT is used to control the duration of the chirp generated by the device.
When reset is entered from a suspended state (J to SE0 transition reported by LINESTATE), SUSPENDN is combina-
torially negated at time T0 by the Link. It takes approximately 5 milliseconds for the transceiver's oscillator to stabilize.
The device does not generate any transitions of the CLKOUT signal until it is “usable” (where “usable” is defined as
stable to within ±10% of the nominal frequency and the duty cycle accuracy 50±5%).
The first transition of CLKOUT occurs at T1. The Link then sets OPMODE to Disable Bit Stuffing and NRZI encoding,
XCVRSELECT to HS mode, and must assert a Chirp K for 66000 CLKOUT cycles to ensure a 1ms minimum duration.
If CLKOUT is 10% fast (66MHz) then Chirp K will be 1.0ms. If CLKOUT is 10% slow (54 MHz) then Chirp K will be 1.2ms.
The 5.6ms requirement for the first CLKOUT transition after SUSPENDN, ensures enough time to assert a 1ms Chirp
K and still complete before T3. Once the Chirp K is completed (T3) the Link can begin looking for host chirps and use
CLKOUT to time the process. At this time, the device follows the same protocol as in Section 6.9, "HS Detection Hand-
shake – HS Downstream Facing Port" for completion of the High Speed Handshake.
TABLE 6-8:
RESET TIMING VALUES
Timing Parameter
Description
Value
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device asserts Chirp K on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1 ms minimum
width.
T0 + 1.0ms < T2 <
HS Reset T0 + 7.0ms
T3
Downstream facing port asserts Chirp K on the bus. T2 < T3 < T2+100µs
T4
Downstream facing port toggles Chirp K to Chirp J on
the bus.
T3 + 40µs < T4 < T3 + 60µs
T5
Downstream facing port toggles Chirp J to Chirp K on
the bus.
T4 + 40µs < T5 < T4 + 60µs
T6
Device detects downstream port chirp.
T6
T7
Chirp detected by the device. Device removes DP
pull-up and asserts HS terminations, reverts to HS
default state and waits for end of reset.
T6 < T7 < T6 + 500µs
T8
Terminate host port Chirp K-J sequence (Repeating
T4 and T5)
T9 - 500µs < T8 < T9 - 100µs
T9
The earliest time at which host port may end reset.
The latest time, at which the device may remove the
DP pull-up and assert the HS terminations, reverts to
HS default state.
HS Reset T0 + 10ms
Note:
• T0 may be up to 4ms after HS Reset T0.
• The Link must use LINESTATE to detect the downstream port chirp sequence.
• Due to the assertion of the HS termination on the host port and FS termination on the device port, between T1
and T7 the signaling levels on the bus are higher than HS signaling levels and are less than FS signaling levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com